Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8436ARQZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8436ARQZ-R7
Description  Low Cost, Low Power, True RMS-to-DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8436ARQZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8436ARQZ-R7 Datasheet HTML 5Page - Analog Devices AD8436ARQZ-R7 Datasheet HTML 6Page - Analog Devices AD8436ARQZ-R7 Datasheet HTML 7Page - Analog Devices AD8436ARQZ-R7 Datasheet HTML 8Page - Analog Devices AD8436ARQZ-R7 Datasheet HTML 9Page - Analog Devices AD8436ARQZ-R7 Datasheet HTML 10Page - Analog Devices AD8436ARQZ-R7 Datasheet HTML 11Page - Analog Devices AD8436ARQZ-R7 Datasheet HTML 12Page - Analog Devices AD8436ARQZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
AD8436
Rev. B | Page 9 of 24
TEST CIRCUITS
PRECISION DMM
SIGNAL SOURCE
OUT
RMS
+5V
10µF
AC-IN MONITOR
PRECISION DMM
4.7µF
VEE
CAV
VCC
100kΩ
100kΩ
16kΩ
OGND
–5V
IGND
RMS CORE
Figure 21. Core Response Test Circuit Using Dual Supplies
PRECISION DMM
SIGNAL SOURCE
OUT
RMS
4.80V
10µF
AC-IN MONITOR
PRECISION DMM
4.7µF
4.7µF
VEE
CAV
VCC
100kΩ
100kΩ
16kΩ
OGND
IGND
RMS CORE
Figure 22. Core Response Test Circuit Using a Single Supply
FUNCTION GENERATOR
PRECISION DMM
OUT
RMS
+5V
10µF
AC-IN MONITOR
PRECISION DMM
4.7µF
VEE
CAV
VCC
100kΩ
100kΩ
16kΩ
OGND
–5V
IGND
RMS CORE
Figure 23. Crest Factor Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com