Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8436BRQZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8436BRQZ-R7
Description  Low Cost, Low Power, True RMS-to-DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8436BRQZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8436BRQZ-R7 Datasheet HTML 7Page - Analog Devices AD8436BRQZ-R7 Datasheet HTML 8Page - Analog Devices AD8436BRQZ-R7 Datasheet HTML 9Page - Analog Devices AD8436BRQZ-R7 Datasheet HTML 10Page - Analog Devices AD8436BRQZ-R7 Datasheet HTML 11Page - Analog Devices AD8436BRQZ-R7 Datasheet HTML 12Page - Analog Devices AD8436BRQZ-R7 Datasheet HTML 13Page - Analog Devices AD8436BRQZ-R7 Datasheet HTML 14Page - Analog Devices AD8436BRQZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet
AD8436
Rev. B | Page 11 of 24
The 16 kΩ resistor in the output converts the output current to
a dc voltage that can be connected to the output buffer or to the
circuit that follows. The output appears as a voltage source in
series with 16 kΩ. If a current output is desired, the resistor
connection to ground is left open and the output current is
applied to a subsequent circuit, such as the summing node of
a current summing amplifier. Thus, the core has both current
and voltage outputs, depending on the configuration. For a
voltage output with 0 Ω source impedance, use the output
buffer. The offset voltage of the buffer is 25 μV or 50 μV,
depending on the grade.
FET Input Buffer
Because the V-to-I input resistor value of the AD8436 rms core
is 8 kΩ, a high input impedance buffer is often used between
rms-dc converters and finite impedance sources. The optional
JFET input op amp minimizes attenuation and uncouples
common input amenities, such as resistive voltage dividers or
resistors used to terminate current transformers. The wide
bandwidth of the FET buffer is well matched to the rms core
bandwidth so that no information is lost due to serial band-
width effects. Although the input buffer consumes little current,
the buffer supply is independently accessible and can be
disconnected to reduce power.
Optional matched 10 kΩ input and feedback resistors are provided
on chip. Consult the Applications Information section to learn
how these resistors can be used. The 3 dB bandwidth of the input
buffer is 2.7 MHz at 10 mV rms input and approximately 1.5 MHz
at 1 V rms. The amplifier gain and bandwidth are sufficient for
applications requiring modest gain or response enhancement to
a few hundred kilohertz (kHz), if desired. Configurations of the
input buffer are discussed in the Applications Information
section.
Precision Output Buffer
The precision output buffer is a bipolar input amplifier, laser
trimmed to cancel input offset voltage errors. As with the input
buffer, the supply current is very low (<50 μA, typically), and the
power can be disconnected for power savings if the buffer is not
needed. Be sure that the noninverting input is also disconnected
from the core output (OUT) if the buffer supply pin is discon-
nected. Although the input current of the buffer is very low,
a laser-trimmed 16 kΩ resistor, connected in series with the
inverting input, offsets any self-bias offset voltage.
The output buffer can be configured as a single or two-pole low-
pass filter using circuits shown in the Applications Information
section. Residual output ripple is reduced, without affecting the
converted dc output. As the response approaches the low
frequency end of the bandwidth, the ripple rises, dependent on
the value of the averaging capacitor. Figure 27 shows the effects of
four combinations of averaging and filter capacitors. Although
the filter capacitor reduces the ripple for any given frequency, the
dc error is unaffected. Of course, a larger value averaging
capacitor can be selected, at a larger cost. The advantage of using
a low-pass filter is that a small value of filter capacitor, in
conjunction with the 16 kΩ output resistor, reduces ripple and
permits a smaller averaging capacitor, effecting a cost savings.
The recommended capacitor values for operation to 40 Hz are
10 µF for averaging and 3.3 µF for filter.
Dynamic Range
The AD8436 is a translinear rms-to-dc converter with exceptional
dynamic range. Although accuracy varies slightly more at the
extreme input values, the device still converts with no spurious
noise or dropout. Figure 25 is a plot of the rms/dc transfer function
near zero voltage. Unlike processor or other solutions, residual
errors at very low input levels can be disregarded for most
applications.
INPUT VOLTAGE (mV DC)
30
20
10
0
0
30
20
10
–10
–20
–30
ΔΣ OR OTHER DIGITAL
SOLUTIONS CANNOT
WORK AT ZERO
VOLTS
AD8436
SOLUTION
Figure 25. DC Transfer Function near Zero



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com