Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8436BRQZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8436BRQZ-R7
Description  Low Cost, Low Power, True RMS-to-DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8436BRQZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  AD8436BRQZ-R7 Datasheet HTML 1Page - Analog Devices AD8436BRQZ-R7 Datasheet HTML 2Page - Analog Devices AD8436BRQZ-R7 Datasheet HTML 3Page - Analog Devices AD8436BRQZ-R7 Datasheet HTML 4Page - Analog Devices AD8436BRQZ-R7 Datasheet HTML 5Page - Analog Devices AD8436BRQZ-R7 Datasheet HTML 6Page - Analog Devices AD8436BRQZ-R7 Datasheet HTML 7Page - Analog Devices AD8436BRQZ-R7 Datasheet HTML 8Page - Analog Devices AD8436BRQZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Low Cost, Low Power,
True RMS-to-DC Converter
Data Sheet
AD8436
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2011–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Delivers true rms or average rectified value of ac waveform
Fast settling at all input levels
Accuracy: ±10 μV ± 0.25% of reading (B grade)
Wide dynamic input range
100 μV rms to 3 V rms (8.5 V p-p) full-scale input range
Larger inputs with external scaling
Wide bandwidth:
1 MHz for −3 dB (300 mV)
65 kHz for additional 1% error
Zero converter dc output offset
No residual switching products
Specified at 300 mV rms input
Accurate conversion with crest factors up to 10
Low power: 300
µA typical at ±2.4 V
High-Z FET separately powered input buffer
RIN ≥ 1012 Ω, CIN ≤ 2 pF
Precision dc output buffer
Wide power supply voltage range
Dual: ±2.4 V to ±18 V; single: 4.8 V to 36 V
4 mm × 4 mm LFCSP and 8 mm × 6 mm QSOP packages
ESD protected
FUNCTIONAL BLOCK DIAGRAM
VEE
CAVG
VCC
IGND
OUT
IBUFGN
RMS
IBUFOUT
IBUFIN+
SUM
8kΩ
100kΩ
16kΩ
100kΩ
OGND
10kΩ
10kΩ
FET OP AMP
10pF
IBUFIN–
OBUFOUT
OBUFIN+
OBUFIN–
16kΩ
DC BUFFER
AD8436
+
RMS CORE
+
CCF
Figure 1.
GENERAL DESCRIPTION
The AD8436 is a new generation, translinear precision, low
power, true rms-to-dc converter loaded with options. It
computes a precise dc equivalent of the rms value of ac wave-
forms, including complex patterns such as those generated by
switch mode power supplies and triacs. Its accuracy spans a
wide range of input levels (see Figure 2) and temperatures.
The ensured accuracy of ≤±0.5% and ≤10 µV output offset
result from the latest Analog Devices, Inc., technology. The
crest factor error is <0.5% for CF values between 1 and 10.
The AD8436 delivers true rms results at less cost than
misleading peak, averaging, or digital solutions. There is no
programming expense or processor overhead to consider, and
the 4 mm × 4 mm package easily fits into tight applications.
On-board buffer amplifiers enable the widest range of options
for any rms-to-dc converter available, regardless of cost. For
minimal applications, only a single external averaging capacitor
is required. The built-in high impedance FET buffer provides
an interface for external attenuators, frequency compensation,
or driving low impedance loads. A matched pair of internal
resistors enables an easily configurable gain-of-two or more,
extending the usable input range even lower. The low power,
precision input buffer makes the AD8436 attractive for use in
portable multi-meters and other battery-powered applications.
The precision dc output buffer minimizes errors when driving
low impedance loads with extremely low offset voltages, thanks
to internal bias current cancellation. Unlike digital solutions, the
AD8436 has no switching circuitry limiting performance at high or
low amplitudes (see Figure 2). A usable response of <100 µV and
>3 V extends the dynamic range with no external scaling,
accommodating demanding low level signal conditions and
allowing ample overrange without clipping.
1mV
10mV
1V
100mV
AD8436
GREATER INPUT DYNAMIC RANGE
100µV
3V
ΔΣ SOLUTION
Figure 2. Usable Dynamic Range of the AD8436 vs. ∆Σ
The AD8436 operates from single or dual supplies of ±2.4 V
(4.8 V) to ±18 V (36 V). A and J grades are available in a
compact 4 mm × 4 mm, 20-lead chip-scale package; A and B
grades are available in a 20-lead QSOP package. The operating
temperature ranges are −40°C to 125°C for A and B grades and
0°C to 70°C for J grade.


Similar Part No. - AD8436BRQZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8436BRQZ-R7 AD-AD8436BRQZ-R7 Datasheet
762Kb / 21P
Low Cost, Low Power, True RMS-to-DC Converter
3/2017-Rev. D to Rev. E
More results

Similar Description - AD8436BRQZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD636 AD-AD636 Datasheet
157Kb / 8P
Low Level, True RMS-to-DC Converter
REV.B
AD736 AD-AD736 Datasheet
218Kb / 8P
Low Cost, Low Power, True RMS-to-DC Converter
REV.C
AD737 AD-AD737 Datasheet
149Kb / 8P
Low Cost, Low Power, True RMS-to-DC Converter
REV.C
logo
Burr-Brown (TI)
4341 BURR-BROWN-4341 Datasheet
331Kb / 4P
LOW COST TRUE RMS-TO-DC CONVERTER
logo
Analog Devices
AD736 AD-AD736_12 Datasheet
480Kb / 20P
Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
AD737 AD-AD737_12 Datasheet
499Kb / 24P
Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
AD636 AD-AD636_15 Datasheet
677Kb / 17P
Low Level, True RMS-to-DC Converter
Rev. E
AD736 AD-AD736_15 Datasheet
480Kb / 20P
Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
AD737 AD-AD737_15 Datasheet
499Kb / 24P
Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
AD8436 AD-AD8436_17 Datasheet
762Kb / 21P
Low Cost, Low Power, True RMS-to-DC Converter
3/2017-Rev. D to Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com