Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSU102 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TSU102
Description  Nanopower, rail-to-rail input and output, 5 V CMOS operational amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSU102 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TSU102 Datasheet HTML 7Page - STMicroelectronics TSU102 Datasheet HTML 8Page - STMicroelectronics TSU102 Datasheet HTML 9Page - STMicroelectronics TSU102 Datasheet HTML 10Page - STMicroelectronics TSU102 Datasheet HTML 11Page - STMicroelectronics TSU102 Datasheet HTML 12Page - STMicroelectronics TSU102 Datasheet HTML 13Page - STMicroelectronics TSU102 Datasheet HTML 14Page - STMicroelectronics TSU102 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
DocID024317 Rev 2
11/33
TSU101, TSU102, TSU104
Electrical characteristics
33
Figure 2. Supply current vs. supply voltage
Figure 3. Supply current vs. input common
mode voltage
1.5
1.5
2.0
2.0
2.5
2.5
3.0
3.0
3.5
3.5
4.0
4.0
4.5
4.5
5.0
5.0
5.5
5.5
0.0
0.0
0.1
0.2
0.2
0.3
0.4
0.4
0.5
0.6
0.6
0.7
0.8
0.8
0.9
1.0
1.0
T=-40°C
Vicm=Vout=Vcc/2
T=85°C
T=25°C
Supply voltage (V)
0.0
0.0 0.3
0.3 0.6
0.6 0.9
0.9 1.2
1.2 1.5
1.5 1.8
1.8 2.1
2.1 2.4
2.4 2.7
2.7 3.0
3.0 3.3
3.3
0.0
0.0
0.1
0.2
0.2
0.3
0.4
0.4
0.5
0.6
0.6
0.7
0.8
0.8
0.9
1.0
1.0
T=-40°C
Vcc=3.3V, Vout=Vcc/2
T=85°C
T=25°C
Input common mode voltage (V)
Figure 4. Supply current in saturation mode
Figure 5. Input offset voltage distribution
0.0
0.0
0.1
0.2
0.2
0.3
0.4
0.4
0.5
0.6
0.6
0.7
0.8
0.8
0.9
1.0
1.0
Vcc=3.3V
Follower configuration
Temperature
85°C/65°C/45°C/25°C/-5°C/-40°C
Input voltage (mV)
-3
-2
-1
0
1
2
3
0
5
10
15
20
25
30
35
40
45
50
Vio distribution at T=25°C
Vcc=3.3V, Vicm=1.65V
Input offset voltage (mV)
Figure 6. Input offset voltage vs. common mode
voltage
Figure 7. Input offset voltage vs. temperature at
3.3 V supply voltage
0.0
0.0 0.3
0.3 0.6
0.6 0.9
0.9 1.2
1.2 1.5
1.5 1.8
1.8 2.1
2.1 2.4
2.4 2.7
2.7 3.0
3.0 3.3
3.3
0.0
0.0
0.1
0.2
0.2
0.3
0.4
0.4
0.5
0.6
0.6
0.7
0.8
0.8
0.9
1.0
1.0
T=-40°C
Vcc=3.3V
T=85°C
T=25°C
Common mode voltage (V)
-60
-60
-40
-40
-20
-20
0020
20
40
40
60
60
80
80
100
100
-5
-5
-4
-4
-3
-3
-2
-2
-1
-1
00
11
22
33
44
55
Limit for TSU10x
Vcc=3.3V, Vicm=1.65V
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com