Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSU102 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TSU102
Description  Nanopower, rail-to-rail input and output, 5 V CMOS operational amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSU102 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TSU102 Datasheet HTML 9Page - STMicroelectronics TSU102 Datasheet HTML 10Page - STMicroelectronics TSU102 Datasheet HTML 11Page - STMicroelectronics TSU102 Datasheet HTML 12Page - STMicroelectronics TSU102 Datasheet HTML 13Page - STMicroelectronics TSU102 Datasheet HTML 14Page - STMicroelectronics TSU102 Datasheet HTML 15Page - STMicroelectronics TSU102 Datasheet HTML 16Page - STMicroelectronics TSU102 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
DocID024317 Rev 2
13/33
TSU101, TSU102, TSU104
Electrical characteristics
33
Figure 14. Output characteristics at 5 V supply
voltage
Figure 15. Output voltage vs. input voltage
close to the rails
0011223344556677889910
10
0.0
0.0
0.5
0.5
1.0
1.0
1.5
1.5
2.0
2.0
2.5
2.5
3.0
3.0
3.5
3.5
4.0
4.0
4.5
4.5
5.0
5.0
Source
Vid=0.2V
Sink
Vid=-0.2V
T=85°C
T=-40°C
Vcc=5V
Vicm=0.1V
T=25°C
Output Current (mA)
00
25
25
50
50
75
75
100
100
125
125
150
150
175
175
3100
3100
3125
3125
3150
3150
3175
3175
3200
3200
3225
3225
3250
3250
3275
3275
3300
3300
Vcc=3.3V
Follower configuration
Temperature
85°C/65°C/45°C/25°C/-5°C/-40°C
Input voltage (mV)
Figure 16. Output saturation with a sine wave
on input
Figure 17. Desaturation time
-5
-5
005510
10 15
15 20
20 25
25 30
30 35
35 40
40 45
45 50
50 55
55 60
60
0.000
0.000
0.025
0.025
0.050
0.050
0.075
0.075
0.100
0.100
0.125
0.125
3.150
3.150
3.175
3.175
3.200
3.200
3.225
3.225
3.250
3.250
3.275
3.275
3.300
3.300
Vout
Vin
Vout
Vin
Follower configuration, T=25°C
Vcc=3.3V, Vin from rail to 300mV from rail
Vrl=Vrail, f=10Hz, Rl=10MΩ, Cl=16pF
Time (ms)
001122334455
-3
-3
-2
-2
-1
-1
00
11
22
33
Gain=+11, 100kΩ/1MΩ, Vin=3Vpp, T=25°C
Vcc=3.3V, Vicm=Vrl=1.65V
Rl=10MΩ, Cl=16pF
Time (ms)
Figure 18. Phase reversal free
Figure 19. Slew rate vs. supply voltage
0025
25
50
50
75
75
100
100
125
125
150
150
-2
-2
-1
-1
00
11
22
Follower configuration, T=25°C
Vcc=3.3V, Vicm=Vrl=1.65V
Rl=10MΩ, Cl=16pF
Time (ms)
1.5
1.5
2.0
2.0
2.5
2.5
3.0
3.0
3.5
3.5
4.0
4.0
4.5
4.5
5.0
5.0
5.5
5.5
-4.0
-4.0
-3.5
-3.5
-3.0
-3.0
-2.5
-2.5
-2.0
-2.0
-1.5
-1.5
-1.0
-1.0
-0.5
-0.5
0.0
0.0
0.5
0.5
1.0
1.0
1.5
1.5
2.0
2.0
2.5
2.5
3.0
3.0
3.5
3.5
4.0
4.0
Vicm=Vrl=Vcc/2
Rl=1MΩ, Cl=60pF
Vin from 0.5V to Vcc-0.5V
SR calculated from 10% to 90%
T=-40°C
T=85°C
T=25°C
Vcc (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com