Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSU101ILT Datasheet(PDF) 15 Page - STMicroelectronics

Part # TSU101ILT
Description  Nanopower, rail-to-rail input and output, 5 V CMOS operational amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSU101ILT Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TSU101ILT Datasheet HTML 11Page - STMicroelectronics TSU101ILT Datasheet HTML 12Page - STMicroelectronics TSU101ILT Datasheet HTML 13Page - STMicroelectronics TSU101ILT Datasheet HTML 14Page - STMicroelectronics TSU101ILT Datasheet HTML 15Page - STMicroelectronics TSU101ILT Datasheet HTML 16Page - STMicroelectronics TSU101ILT Datasheet HTML 17Page - STMicroelectronics TSU101ILT Datasheet HTML 18Page - STMicroelectronics TSU101ILT Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
DocID024317 Rev 2
15/33
TSU101, TSU102, TSU104
Electrical characteristics
33
Figure 26. Bode diagram for different feedback
values
Figure 27. Bode diagram at 1.8 V supply voltage
10
100
1000
10000
-20
-15
-10
-5
0
5
10
15
20
Frequency (Hz)
Feedback : 1MΩ//47pF
Feedback : 1MΩ
Vcc=3.3V, Vicm=1.65V, T=25°C
Gain=1
Rl=10MΩ, Cl=16pF, Vrl=Vcc/2
Feedback : 100kΩ
10
100
1000
10000
-45
-30
-15
0
15
30
45
-180
-150
-120
-90
-60
-30
0
30
60
90
120
150
180
Frequency (Hz)
Phase
Gain
Vcc=1.8V, Vicm=0.9V
G=101 (10kΩ/1MΩ)
Rl=10MΩ, Cl=60pF, Vrl=Vcc/2
T=85°C
T=-40°C
T=25°C
Figure 28. Bode diagram at 3.3 V supply voltage Figure 29. Bode diagram at 5 V supply voltage
10
100
1000
10000
-45
-30
-15
0
15
30
45
-180
-150
-120
-90
-60
-30
0
30
60
90
120
150
180
Frequency (Hz)
Phase
Gain
Vcc=3.3V, Vicm=1.65V
G=101 (10kΩ/1MΩ)
Rl=10MΩ, Cl=60pF, Vrl=Vcc/2
T=85°C
T=-40°C
T=25°C
10
100
1000
10000
-45
-30
-15
0
15
30
45
-180
-150
-120
-90
-60
-30
0
30
60
90
120
150
180
Frequency (Hz)
Phase
Gain
Vcc=5V, Vicm=2.5V
G=101 (10kΩ/1MΩ)
Rl=10MΩ, Cl=60pF, Vrl=Vcc/2
T=85°C
T=-40°C
T=25°C
Figure 30. Gain bandwidth product vs. input
common mode voltage
Figure 31. Gain vs. input common mode voltage
0.0
0.0
0.5
0.5
1.0
1.0
1.5
1.5
2.0
2.0
2.5
2.5
3.0
3.0
00
1
22
3
44
5
66
7
88
9
10
10
Vcc=3.3V, Vicm=Vrl
Gain 101 : Rg=10kΩ, Rf=1MΩ
Rl=10MΩ, Cl=60pF
T=25°C
Measured at 20dB
Vicm (V)
10
-2
10
-1
10
0
10
1
10
2
10
3
10
100
Recommended resistor to
place between the output
of the op-amp and the
capacitive load
Vcc=3.3V, Vicm=1.65V
Follower configuration
Capacitive load (nF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com