Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSU101ILT Datasheet(PDF) 21 Page - STMicroelectronics

Part # TSU101ILT
Description  Nanopower, rail-to-rail input and output, 5 V CMOS operational amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSU101ILT Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TSU101ILT Datasheet HTML 17Page - STMicroelectronics TSU101ILT Datasheet HTML 18Page - STMicroelectronics TSU101ILT Datasheet HTML 19Page - STMicroelectronics TSU101ILT Datasheet HTML 20Page - STMicroelectronics TSU101ILT Datasheet HTML 21Page - STMicroelectronics TSU101ILT Datasheet HTML 22Page - STMicroelectronics TSU101ILT Datasheet HTML 23Page - STMicroelectronics TSU101ILT Datasheet HTML 24Page - STMicroelectronics TSU101ILT Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
DocID024317 Rev 2
21/33
TSU101, TSU102, TSU104
Application information
33
4.7
Using the TSU10x series with sensors
The TSU10x series has MOS inputs, thus input bias currents can be guaranteed down to
5 pA maximum at ambient temperature. This is an important parameter when the
operational amplifier is used in combination with high impedance sensors.
The TSU101, TSU102, and TSU104 series is perfectly suited for trans-impedance
configuration as shown in Figure 39. This configuration allows a current to be converted into
a voltage value with a gain set by the user. It is an ideal choice for portable electrochemical
gas sensing or photo/UV sensing applications. The TSU10x series, using trans-impedance
configuration, is able to provide a voltage value based on the physical parameter sensed by
the sensor.
Electrochemical gas sensors
The output current of electrochemical gas sensors is generally in the range of tens of nA to
hundreds of
μA. As the input bias current of the TSU101, TSU102, and TSU104 is very low
(see Figure 9, Figure 10, and Figure 11) compared to these current values, the TSU10x
series is well adapted for use with the electrochemical sensors of two or three electrodes.
Figure 40 shows a potentiostat (electronic hardware required to control a three electrode
cell) schematic using the TSU101, TSU102, and TSU104. In such a configuration, the
devices minimize leakage in the reference electrode compared to the current being
measured on the working electrode.
Figure 39. Trans-impedance amplifier schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com