Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSU101RILT Datasheet(PDF) 22 Page - STMicroelectronics

Part # TSU101RILT
Description  Nanopower, rail-to-rail input and output, 5 V CMOS operational amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSU101RILT Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TSU101RILT Datasheet HTML 18Page - STMicroelectronics TSU101RILT Datasheet HTML 19Page - STMicroelectronics TSU101RILT Datasheet HTML 20Page - STMicroelectronics TSU101RILT Datasheet HTML 21Page - STMicroelectronics TSU101RILT Datasheet HTML 22Page - STMicroelectronics TSU101RILT Datasheet HTML 23Page - STMicroelectronics TSU101RILT Datasheet HTML 24Page - STMicroelectronics TSU101RILT Datasheet HTML 25Page - STMicroelectronics TSU101RILT Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
Application information
TSU101, TSU102, TSU104
22/33
DocID024317 Rev 2
Figure 40. Potentiostat schematic using the TSU101 (or TSU102)
4.8
Fast desaturation
When the TSU101, TSU102, and TSU104 operational amplifiers go into saturation mode,
they take a short period of time to recover, typically thirty microseconds. When recovering
after saturation, the TSU10x series does not exhibit any voltage peaks that could generate
issues (such as false alarms) in the application (see Figure 17). This is because the internal
gain of the amplifier decreases smoothly when the output signal gets close to the VCC+ or
VCC- supply rails (see Figure 15 and Figure 16).
Thus, to maintain signal integrity, the user should take care that the output signal stays at
100 mV from the supply rails.
With a trans-impedance schematic, a voltage reference can be used to keep the signal
away from the supply rails.
4.9
Using the TSU10x series in comparator mode
The TSU10x series can be used as a comparator. In this case, the output stage of the
device always operates in saturation mode. In addition, Figure 4 shows the current
consumption is not bigger and even decreases smoothly close to the rails. The TSU101,
TSU102, and TSU104 are obviously operational amplifiers and are therefore optimized to
be used in linear mode. We recommend to use the TS88 series of nanopower comparators
if the primary function is to perform a signal comparison only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com