Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSU101RILT Datasheet(PDF) 32 Page - STMicroelectronics

Part # TSU101RILT
Description  Nanopower, rail-to-rail input and output, 5 V CMOS operational amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSU101RILT Datasheet(HTML) 32 Page - STMicroelectronics

Back Button TSU101RILT Datasheet HTML 25Page - STMicroelectronics TSU101RILT Datasheet HTML 26Page - STMicroelectronics TSU101RILT Datasheet HTML 27Page - STMicroelectronics TSU101RILT Datasheet HTML 28Page - STMicroelectronics TSU101RILT Datasheet HTML 29Page - STMicroelectronics TSU101RILT Datasheet HTML 30Page - STMicroelectronics TSU101RILT Datasheet HTML 31Page - STMicroelectronics TSU101RILT Datasheet HTML 32Page - STMicroelectronics TSU101RILT Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 33 page
background image
Ordering information
TSU101, TSU102, TSU104
32/33
DocID024317 Rev 2
6
Ordering information
7
Revision history
Table 13. Order codes
Order code
Temperature range
Package
Packing
Marking
TSU101ICT
-40 ° C to +85 ° C
SC70-5
Tape and reel
K22
TSU101ILT
SOT23-5
K160
TSU101RICT
SC70-5
K24
TSU101RILT
SOT23-5
K169
TSU102IQ2T
DFN8 2x2
K24
TSU102IST
MiniSO8
K160
TSU104IQ4T
QFN16 3x3
K160
TSU104IPT
TSSOP14
TSU104I
Table 14. Document revision history
Date
Revision
Changes
16-Apr-2013
1
Initial release
02-Jul-2013
2
Added the TSU102 and TSU104 devices and updated
the datasheet accordingly.
Added the silhouettes, pin connections, and package
information for DFN8 2x2, MiniSO8, QFN16 3x3, and
TSSOP14.
Added Figure 36 and Figure 37.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com