Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

informationplease Datasheet(PDF) 12 Page - EPCOS

Part # informationplease
Description  Multilayer Ceramic Capacitors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

informationplease Datasheet(HTML) 12 Page - EPCOS

Back Button informationplease Datasheet HTML 7Page - EPCOS informationplease Datasheet HTML 8Page - EPCOS informationplease Datasheet HTML 9Page - EPCOS informationplease Datasheet HTML 10Page - EPCOS informationplease Datasheet HTML 11Page - EPCOS informationplease Datasheet HTML 12Page - EPCOS informationplease Datasheet HTML 13Page - EPCOS informationplease Datasheet HTML 14Page - EPCOS informationplease Datasheet HTML 15Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
11
10/06
Please read Cautions and warnings and
Important notes at the end of this document.
X7R
Multilayer ceramic capacitors
Typical characteristics
Impedance |Z| versus
frequency f
1: SMD chip capacitor
2:
1.5 mm lead length
3:
5.0 mm lead length
4: 10.0 mm lead length
5: 20.0 mm lead length
Capacitance change
DC/C1 versus
time t
KKE0339-V
10 0
10 1
10 2
10 3
Z
10
f
_
10 1
0
10
10 1
10 2
3
10
2
_
4
3
5
1
2
Ω
MHz
KKE0394-X
5
10
%
0
5
__
C1
C
∆
10
__
15
__
20
__
t
h
0
10
1
10
2
10
10 3
10 45
10
X7R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com