Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

informationplease Datasheet(PDF) 14 Page - EPCOS

Part # informationplease
Description  Multilayer Ceramic Capacitors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

informationplease Datasheet(HTML) 14 Page - EPCOS

Back Button informationplease Datasheet HTML 7Page - EPCOS informationplease Datasheet HTML 8Page - EPCOS informationplease Datasheet HTML 9Page - EPCOS informationplease Datasheet HTML 10Page - EPCOS informationplease Datasheet HTML 11Page - EPCOS informationplease Datasheet HTML 12Page - EPCOS informationplease Datasheet HTML 13Page - EPCOS informationplease Datasheet HTML 14Page - EPCOS informationplease Datasheet HTML 15Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
13
10/06
Multilayer ceramic capacitors
Cautions and warnings
The following should be considered in the placement process
1. Ensure correct positioning of the ceramic capacitor on the solder pad.
2. Caution when using casting, injection-molded and molding compounds and cleaning agents,
as these may damage the capacitor.
3. Support the circuit board and reduce the placement forces.
4. A board should not be straightened (manually) if it has been distorted by soldering.
5. Separate panels with a peripheral saw, or better with a milling head (no dicing or breaking).
6. Caution in the subsequent placement of heavy or leaded components (e.g. transformers or
snap-in components): danger of bending and fracture.
7. When testing, transporting, packing or incorporating the board, avoid any deformation of the
board not to damage the components.
8. Avoid the use of excessive force when plugging a connector into a device soldered onto the
board.
9. Ceramic capacitors must be soldered only by the mode (reflow or wave soldering) permissible
for them (see the chapter “Soldering directions”).
10. When soldering the most gentle solder profile feasible should be selected (heating time, peak
temperature, cooling time) in order to avoid thermal stresses and damage.
11. Ensure the correct solder meniscus height and solder quantity.
12. Ensure correct dosing of the cement quantity.
13. Ceramic capacitors with an AgPd external termination are not suited for the lead-free solder
process: they were developed only for conductive adhesion technology.
This listing does not claim to be complete, but merely reflects the experience of EPCOS AG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com