Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSP129 Datasheet(PDF) 1 Page - Analog Devices

Part # BSP129
Description  Evaluation Board for 16-Bit, Serial Input, Loop-Powered 4 mA to 20 mA DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

BSP129 Datasheet(HTML) 1 Page - Analog Devices

  BSP129 Datasheet HTML 1Page - Analog Devices BSP129 Datasheet HTML 2Page - Analog Devices BSP129 Datasheet HTML 3Page - Analog Devices BSP129 Datasheet HTML 4Page - Analog Devices BSP129 Datasheet HTML 5Page - Analog Devices BSP129 Datasheet HTML 6Page - Analog Devices BSP129 Datasheet HTML 7Page - Analog Devices BSP129 Datasheet HTML 8Page - Analog Devices BSP129 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Evaluation Board User Guide
UG-250
One Technology Way • P.O. Box 9106 • Norwood, MA 02062-9106, U.S.A. • Tel: 781.329.4700 • Fax: 781.461.3113 • www.analog.com
Evaluation Board for 16-Bit, Serial Input, Loop-Powered 4 mA to 20 mA DAC
PLEASE SEE THE LAST PAGE FOR AN IMPORTANT
WARNING AND LEGAL TERMS AND CONDITIONS.
Rev. A | Page 1 of 12
FEATURES
Full-featured evaluation board for the AD5421
Link options
PC control in conjunction with Analog Devices, Inc.,
system demonstration platform (SDP)
PC software for control
EQUIPMENT NEEDED
DC power supply unit
SDP for PC control (EVAL-SDP-CB1Z)
Voltmeter or ammeter
DOCUMENTS NEEDED
AD5421 data sheet
SOFTWARE NEEDED
AD5421 evaluation software
EVALUATION BOARD DESCRIPTION
The EVAL-AD5421 is a full-featured evaluation board, designed
to allow the user to easily evaluate all features of the AD5421
loop-powered 4 mA to 20 mA DAC. The AD5421 pins are
accessible at on-board connectors for external connection. The
AD5421 evaluation board is controlled via the PC’s USB port in
conjunction with Analog Device’s system demonstration
platform board. The SDP board allows the evaluation board to
be controlled through the USB port of a Windows® XP (SP2 or
later) or Vista-based (32-bit) PC using the AD5421 evaluation
software. The AD5421 serial interface is also accessible at the
testpoint connections on the board.
DEVICE DESCRIPTION
The AD5421 is an integrated device designed for use in loop-
powered 4 mA to 20 mA smart transmitter applications. The
AD5421, in a single chip, provides a 16-bit DAC and current
amplifier for digital control of the loop current, a voltage
regulator to power the entire transmitter, a voltage reference,
fault alert functions, flexible SPI-compatible serial interface,
gain and offset adjust registers as well as other features and
functions.
Complete specifications for the AD5421 are available in the
AD5421 data sheet available from Analog Devices and should
be consulted in conjunction with this document when using the
evaluation board.
FUNCTIONAL BLOCK DIAGRAM
SYSTEM DEMONSTRATION
PLATFORM BOARD
PC
USB
PORT
LOOP+
LOOP–
DIGITAL
ISOLATION
AD5421
EVAL-AD5421SDZ
Figure 1.


Similar Part No. - BSP129

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSP129 SIEMENS-BSP129 Datasheet
321Kb / 7P
SIPMOS Small-Signal Transistor (N channel Depletion mode High dynamic resistance)
logo
Infineon Technologies A...
BSP129 INFINEON-BSP129 Datasheet
206Kb / 9P
SIPMOS Small-Signal-Transistor
Rev. 1.0 2003-03-28
BSP129 INFINEON-BSP129 Datasheet
236Kb / 9P
SIPMOS Small-Signal-Transistor
Rev. 1.1 2005-02-22
BSP129L6327HTSA1 INFINEON-BSP129L6327HTSA1 Datasheet
451Kb / 10P
SIPMOS짰 Small-Signal-Transistor
Rev. 1.42 2012-11-29
BSP129 INFINEON-BSP129_05 Datasheet
236Kb / 9P
SIPMOS Small-Signal-Transistor
Rev. 1.1 2005-02-22
More results

Similar Description - BSP129

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD420 AD-AD420 Datasheet
144Kb / 11P
Serial Input 16-Bit 4 mA-20 mA, 0 mA-20 mA DAC
REV.F
AD421 AD-AD421 Datasheet
171Kb / 14P
Loop-Powered 4 mA to 20 mA DAC
REV.C
AD5421 AD-AD5421_11 Datasheet
757Kb / 32P
16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
REV. 0
AD420 AD-AD420_11 Datasheet
303Kb / 16P
Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD5421 AD-AD5421_13 Datasheet
726Kb / 36P
16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Rev. F
AD421BNZ AD-AD421BNZ Datasheet
173Kb / 14P
Loop-Powered 4 mA to 20 mA DAC
REV. C
AD420ANZ-32 AD-AD420ANZ-32 Datasheet
303Kb / 16P
Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD421BRZRL AD-AD421BRZRL Datasheet
173Kb / 14P
Loop-Powered 4 mA to 20 mA DAC
REV. C
AD420 AD-AD420_15 Datasheet
303Kb / 16P
Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD421 AD-AD421_15 Datasheet
173Kb / 14P
Loop-Powered 4 mA to 20 mA DAC
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com