Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSP129 Datasheet(PDF) 3 Page - Analog Devices

Part # BSP129
Description  Evaluation Board for 16-Bit, Serial Input, Loop-Powered 4 mA to 20 mA DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

BSP129 Datasheet(HTML) 3 Page - Analog Devices

  BSP129 Datasheet HTML 1Page - Analog Devices BSP129 Datasheet HTML 2Page - Analog Devices BSP129 Datasheet HTML 3Page - Analog Devices BSP129 Datasheet HTML 4Page - Analog Devices BSP129 Datasheet HTML 5Page - Analog Devices BSP129 Datasheet HTML 6Page - Analog Devices BSP129 Datasheet HTML 7Page - Analog Devices BSP129 Datasheet HTML 8Page - Analog Devices BSP129 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Evaluation Board User Guide
UG-250
Rev. A | Page 3 of 12
EVALUATION BOARD HARDWARE
POWER SUPPLIES
The AD5421 evaluation board requires one power supply
connection from LOOP− to LOOP+ (J7), a voltage in the
range from 5.5 V to 52 V can be applied if the on-board
MOSFET device (U2) is not enabled. With U2 enabled, the
voltage limit is the breakdown voltage of U2, which in this
case is 240 V. A load resistor can also be connected at J7.
LINK OPTIONS
Set the link options on the evaluation board for the required
operating setup before powering on the board. The functions
of the link options are described in Table 2.
Default Link Option Setup
The default link options are listed in Table 1.
Table 1. Link Options
Link No.
Option
LK1
Inserted
LK2
B
LK4
Inserted
LK6
Inserted
LK7
Inserted
Alarm_Dir
B
Rint_Rext
B
Range0
B
Range1
B
Reg_Sel0
A
Reg_Sel1
B
Reg_Sel2
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com