Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA4558RF Datasheet(PDF) 2 Page - Rohm

Part # BA4558RF
Description  Low Noise Operational Amplifiers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA4558RF Datasheet(HTML) 2 Page - Rohm

  BA4558RF Datasheet HTML 1Page - Rohm BA4558RF Datasheet HTML 2Page - Rohm BA4558RF Datasheet HTML 3Page - Rohm BA4558RF Datasheet HTML 4Page - Rohm BA4558RF Datasheet HTML 5Page - Rohm BA4558RF Datasheet HTML 6Page - Rohm BA4558RF Datasheet HTML 7Page - Rohm BA4558RF Datasheet HTML 8Page - Rohm BA4558RF Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
Technical Note
2/48
BA4558F,BA4558R F/FV/FVM,BA4560F,BA4560RF/FV/FVM,BA4564RFVBA4580RF/FVM,BA4584FV,
BA4584RF/FV,BA8522RF/FV/FVM,BA15218F,BA14741F,BA15532F,BA4510F/FV,BA2115F/FVM
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
●
Absolute maximum rating (Ta=25[℃])
○
BA4558/BA4558R family
Parameter
Symbol
Ratings
Unit
BA4558 family
BA4558R family
Supply Voltage
VCC-VEE
+36
V
Differential Input Voltage
(*1)
Vid
VCC-VEE
36
V
Input common-mode voltage range
Vicm
VEE~VCC
(VEE-0.3)~VEE+36
V
Operating Supply Voltage
Vopr
8~30 (±4~±15)
V
Operating Temperature
Topr
-40~+85
-40~+105
℃
Storage Temperature
Tstg
-55~+125
-55~+150
℃
Maximum Junction Temperature
Tjmax
+125
+150
℃
Note: Absolute maximum rating item indicates the condition which must not be exceeded.
Application of voltage in excess of absolute maximum rating or use out absolute maximum rated temperature environment
may cause deterioration of characteristics.
(*1)
The voltage difference between inverting input and non-inverting input is the differential input voltage.
Then input terminal voltage is set to more than VEE.
●
Electrical characteristics
○
BA4558 family (Unless otherwise specified VCC=+15[V], VEE=-15[V], Ta=25[℃])
Parameter
Symbol
Temperature
Range
Limits
Unit
Condition
BA4558F
Min.
Typ.
Max.
Input Offset Voltage
(*2)
Vio
25℃
-
0.5
6
mV
VOUT=0[V]
Input Offset Current
(*2)
Iio
25℃
-
5
200
nA
VOUT=0[V]
Input Bias Current
(*3)
Ib
25℃
-
60
500
nA
VOUT=0[V]
Supply Current
ICC
25℃
-
3
6
mA
RL=∞ All Op-Amps
VIN+=0[V]
Maximum Output Voltage
VOM
25℃
±10
±13
-
V
RL≧2[kΩ]
25℃
±12
±14
-
RL≧10[kΩ]
Large Signal Voltage Gain
AV
25℃
86
100
-
dB
RL≧2[kΩ], VOUT=±10[V],
Vicm=0[V]
Input Common-mode Voltage Range
Vicm
25℃
±12
±14
-
V
Common-mode Rejection Ratio
CMRR
25℃
70
90
-
dB
Ri≦10[kΩ]
Power Supply Rejection Ratio
PSRR
25℃
76.3
90
-
dB
Ri≦10[kΩ]
Slew Rate
SR
25℃
-
1.0
-
V/μs AV=0[dB], RL≧2[kΩ]
Channel Separation
CS
25℃
-
105
-
dB
f=1[kHz]
(*2)
Absolute value
(*3)
Current direction: Since first input stage is composed with PNP transistor, input bias current flows out of IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com