Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA4558RF Datasheet(PDF) 39 Page - Rohm

Part # BA4558RF
Description  Low Noise Operational Amplifiers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA4558RF Datasheet(HTML) 39 Page - Rohm

Back Button BA4558RF Datasheet HTML 35Page - Rohm BA4558RF Datasheet HTML 36Page - Rohm BA4558RF Datasheet HTML 37Page - Rohm BA4558RF Datasheet HTML 38Page - Rohm BA4558RF Datasheet HTML 39Page - Rohm BA4558RF Datasheet HTML 40Page - Rohm BA4558RF Datasheet HTML 41Page - Rohm BA4558RF Datasheet HTML 42Page - Rohm BA4558RF Datasheet HTML 43Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
Technical Note
39/48
BA4558F,BA4558R F/FV/FVM,BA4560F,BA4560RF/FV/FVM,BA4564RFVBA4580RF/FVM,BA4584FV,
BA4584RF/FV,BA8522RF/FV/FVM,BA15218F,BA14741F,BA15532F,BA4510F/FV,BA2115F/FVM
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
●
Reference Data BA2115 family
(*)
The above data is ability value of sample, it is not guaranteed.
BA2115 family
-3
-2
-1
0
1
2
3
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [°C]
±1.5V
±2.5V
±7.0V
-3
-2.5
-2
-1.5
-1
-0.5
0
02
4
68
10
OUTPUT SINK CURRENT [mA]
0
200
400
600
800
1000
0
25
50
75
100
125
AMBIENT TEMPERATURE [℃]
-6
-4
-2
0
2
4
6
±1
±2
±3
±4
±5
±6
±7
±8
SUPPLY VOLTAGE [V]
Input Offset Voltage - Supply Voltage
(Vicm=0[V], Vout=0[V])
BA2115 family
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0
0.4
0.8
1.2
1.6
2.0
OUTPUT SOURCE CURRENT [mA]
BA2115FVM
BA2115 family
Derating Curve
0
1
2
3
4
5
6
7
0
5
10
15
SUPPLY VOLTAGE [V]
BA2115 family
Supply Current - Supply Voltage
-40℃
25℃
85℃
0
1
2
3
4
5
6
7
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [℃]
Supply Current - Ambient Temperature
BA2115 family
3.0V
14.0V
5.0V
-3
-2
-1
0
1
2
3
0.1
1
10
100
1000
10000
LOAD RESISTANCE [kΩ]
VOH
BA2115 family
VOL
-10
-8
-6
-4
-2
0
2
4
6
8
10
±2
±3
±4
±5
±6
±7
±8
SUPPLY VOLTAGE [V]
BA2115 family
VOH
VOL
Input Offset Voltage - Ambient Temperature
(Vicm=0[V], Vout=0[V])
Input Bias Current - Ambient Temperature
(Vicm=0[V], Vout=0[V])
0
50
100
150
200
250
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [°C]
BA2115 family
±1.5V
±2.5V
±7.0V
Maximum Output Voltage
- Output Sink Current
(VCC/VEE=+2.5[V]/-2.5[V])
BA2115 family
VOL
VOH
BA2115 family
Maximum Output Voltage
- Output Source Current
(VCC/VEE=+2.5[V]/-2.5[V])
-12
-8
-4
0
4
8
12
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [℃]
BA2115 family
VOH
VOL
Input Bias Current - Supply Voltage
(Vicm=0[V], Vout=0[V])
BA2115 family
0
50
100
150
200
250
±1
±2
±3
±4
±5
±6
±7
±8
SUPPLY VOLTAGE [V]
-40℃
25℃
85℃
BA2115F
Fig. 288
Fig. 289
Fig. 290
Fig. 291
Fig. 292
Fig. 293
Fig. 294
Fig. 295
Fig. 296
Fig. 297
Fig. 298
Fig. 299
85
Output Voltage - Load Resistance
(VCC/VEE=+2.5[V]/-2.5[V])
Maximum Output Voltage
- Supply Voltage
(RL=10[kΩ])
Maximum Output Voltage
- Ambient Temperature
(VCC/VEE=+7.5[V]/-7.5[V], RL=10[kΩ])



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com