Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1615-FSZ Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS1615-FSZ
Description  Single Stage Dimmable Offline AC/DC Controller for LED Lamps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

CS1615-FSZ Datasheet(HTML) 5 Page - Cirrus Logic

  CS1615-FSZ Datasheet HTML 1Page - Cirrus Logic CS1615-FSZ Datasheet HTML 2Page - Cirrus Logic CS1615-FSZ Datasheet HTML 3Page - Cirrus Logic CS1615-FSZ Datasheet HTML 4Page - Cirrus Logic CS1615-FSZ Datasheet HTML 5Page - Cirrus Logic CS1615-FSZ Datasheet HTML 6Page - Cirrus Logic CS1615-FSZ Datasheet HTML 7Page - Cirrus Logic CS1615-FSZ Datasheet HTML 8Page - Cirrus Logic CS1615-FSZ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
CS1615/16
DS961F1
5
Notes:
1. The CS1615/16 has an internal shunt regulator that limits the voltage on the VDD pin. Shunt regulation voltage VZ is defined in
the VDD Supply Voltage section on page 4.
2. For test purposes, load capacitance CL is connected to pin GD and is equal to 0.25nF.
3. External circuitry should be designed to ensure that the ZCD current drawn from the internal clamp diode when it is forward biased
does not exceed specification.
4. Protection is implemented using pin FBSENSE. See the CS1615/16 Block Diagram on page 2.
5. Protection is implemented using pin FBAUX. See the CS1615/16 Block Diagram on page 2
6. The conductance is specified in Siemens (S or 1/
). Each LSB of the internal ADC corresponds to 250nS or one parallel 4M
resistor. Full scale corresponds to 256 parallel 4M
 resistors or 15.625k.
7.
Specifications are guaranteed by design and are characterized and correlated using statistical process methods.
Flyback/Buck-boost Protections
Overcurrent Protection (OCP)
(Note 4)
VOCP(th)
-1.69
-
V
Overvoltage Protection (OVP)
(Note 5)
VOVP(th)
-1.25
-
V
Open Loop Protection (OLP)
(Note 4)
VOLP(th)
-200
-
mV
External Overtemperature Protection (eOTP)
Pull-up Current Source – Maximum
ICONNECT
-80
-
A
Conductance Accuracy
(Note 6)
--
±5
Conductance Offset
(Note 6)
-±250
-
nS
Current Source Voltage Threshold
VCONNECT(th)
-1.25
-
V
Internal Overtemperature Protection (iOTP)
Thermal Shutdown Threshold
(Note 7)
TSD
-135
-
ºC
Thermal Shutdown Hysteresis
(Note 7)
TSD(Hy)
-14
-
ºC
Parameter
Condition
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com