Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1615-FSZ Datasheet (PDF) - Cirrus Logic

CS1615-FSZ Datasheet PDF - Cirrus Logic
Part # CS1615-FSZ
Download  CS1615-FSZ Download
File Size   387.0 Kbytes
Page   16 Pages
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic
Description Single Stage Dimmable Offline AC/DC Controller for LED Lamps

CS1615-FSZ Datasheet (PDF)

Go To PDF Page Download Datasheet
CS1615-FSZ Datasheet PDF - Cirrus Logic

Part # CS1615-FSZ
Download  CS1615-FSZ Click to download

File Size   387.0 Kbytes
Page   16 Pages
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic
Description Single Stage Dimmable Offline AC/DC Controller for LED Lamps

CS1615-FSZ Datasheet (HTML) - Cirrus Logic


CS1615-FSZ Product details

Overview

The CS1615 and CS1616 are high-performance single stage dimmable offline AC/DC controllers. The CS1615/16 is a cost-effective solution that provides unmatched single and multi-lamp dimmer-compatibility performance for dimmable LED applications. The CS1615 is designed for 120VAC line voltage applications, and the CS1616 is designed for 230VAC line voltage applications.

Across a broad range of dimmers, the CS1615/16 provides smooth flicker free dimming, and consistently dims to nearly zero light output, which closely matches the dimming performance of incandescent light bulbs. Cirrus Logic’s patent pending approach to dimmer compatibility provides full functionality on a wide range of dimmers, including leading-edge, trailing-edge, and digital dimmers.



Features

• Best-in-class Dimmer Compatibility

   - Leading-edge (TRIAC) Dimmers

   - Trailing-edge Dimmers

   - Digital Dimmers (Dimmers with an Integrated Power Supply)

• Flicker-free Dimming

• 0% to 100% Smooth Dimming

• Primary-side Regulation (PSR)

• Active Power Factor Correction (PFC)

   - >0.9 Power Factor

• Constant-current Output

   - Flyback

   - Buck-boost

• Tight LED Current Regulation: Better than ±5%

• Low THD: Less Than 20%

• Up to 90% Efficiency

• Fast Startup

• IEC61000-3-2 Compliant

• Meets NEMA SSL 6 Dimming Standard

   - Closely Matches Incandescent S-curve

• Protection Features

   - Output Open Circuit

   - Output Short Circuit

   - External Overtemperature Using NTC

  

Applications

• Retro-fit LED Lamps

• External LED Drivers

• LED Luminaries

• Commercial Lighting



 




Similar Part No. - CS1615-FSZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS1615 CIRRUS-CS1615 Datasheet
387Kb / 16P
Single Stage Dimmable Offline AC/DCController for LED Lamps
logo
JILIN SINO-MICROELECTRO...
CS1615M1A JSMC-CS1615M1A Datasheet
563Kb / 9P
Thyristors(SCR)
201912B
CS1615M1A-C-B JSMC-CS1615M1A-C-B Datasheet
563Kb / 9P
Thyristors(SCR)
201912B
More results


Similar Description - CS1615-FSZ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16841 MAXIM-MAX16841 Datasheet
1Mb / 18P
Controller IC for Dimmable Offline LED Lamps
Rev 0; 10/11
MAX16841 MAXIM-MAX16841_13 Datasheet
1Mb / 18P
Controller IC for Dimmable Offline LED Lamps
Rev 1; 6/13
logo
Cypress Semiconductor
CY8CLEDAC02 CYPRESS-CY8CLEDAC02 Datasheet
1Mb / 20P
AC-DC Controller for Dimmable LED Lighting
logo
Diodes Incorporated
AL1663 DIODES-AL1663 Datasheet
436Kb / 15P
SINGLE STAGE DIMMABLE LED CONTROLLER
Rev 1
logo
Dialog Semiconductor
IW3600 DIALOG-IW3600 Datasheet
317Kb / 5P
AC/DC Digital Power Controller for Single-Stage High Power Factor Dimmable LED Drivers
IW3688 DIALOG-IW3688 Datasheet
384Kb / 6P
AC/DC Advanced Digital Power Controller for Single-Stage Dimmable LED Drivers
IW3689 DIALOG-IW3689 Datasheet
287Kb / 6P
AC/DC Digital Power Controller for Single-Stage High Power Factor Dimmable LED Drivers
logo
Cirrus Logic
CS1615 CIRRUS-CS1615 Datasheet
387Kb / 16P
Single Stage Dimmable Offline AC/DCController for LED Lamps
logo
Unisonic Technologies
UCL2310 UTC-UCL2310 Datasheet
197Kb / 7P
PSR SINGLE-STAGE APFC OFFLINE LED CONTROLLER
logo
Bright Power Semiconduc...
BP3309 BPS-BP3309 Datasheet
378Kb / 8P
PSR Single-Stage APFC Offline LED Controller
Rev 1.2
More results




About Cirrus Logic


Cirrus Logic is a fabless semiconductor company based in Austin, Texas that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs) for audio, industrial, and energy markets. The company was founded in 1984 and has since become a leading provider of high-performance audio ICs for a variety of applications.

Cirrus Logic's products are used in a wide range of audio applications, including portable audio devices, automotive audio systems, and home theater systems. The company's audio ICs are known for their high quality, low power consumption, and advanced signal processing capabilities, and are used by customers around the world.

In addition to its audio ICs, Cirrus Logic also offers a range of ICs for industrial and energy markets, including motor control, power management, and LED lighting applications. The company has a strong focus on research and development, and is committed to developing innovative new products that meet the evolving needs of its customers.

Cirrus Logic has a global presence, with offices and facilities located in the United States, Europe, and Asia, and serves customers in more than 60 countries worldwide. The company is committed to providing high-quality products and services to its customers, and has received numerous awards for its technology and innovation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com