Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1615 Datasheet (PDF) - Cirrus Logic

CS1615 Datasheet PDF - Cirrus Logic
Part # CS1615
Download  CS1615 Download
File Size   387.67 Kbytes
Page   16 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Single Stage Dimmable Offline AC/DCController for LED Lamps

CS1615 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS1615 Datasheet PDF - Cirrus Logic

Part # CS1615
Download  CS1615 Click to download

File Size   387.67 Kbytes
Page   16 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Single Stage Dimmable Offline AC/DCController for LED Lamps

CS1615 Datasheet (HTML) - Cirrus Logic


CS1615 Product details

Overview

The CS1615 and CS1616 are high-performance single stage dimmable offline AC/DC controllers. The CS1615/16 is a cost-effective solution that provides unmatched single and multi-lamp dimmer-compatibility performance for dimmable LED applications. The CS1615 is designed for 120VAC line voltage applications, and the CS1616 is designed for 230VAC line voltage applications.

Across a broad range of dimmers, the CS1615/16 provides smooth flicker free dimming, and consistently dims to nearly zero light output, which closely matches the dimming performance of incandescent light bulbs. Cirrus Logic’s patent pending approach to dimmer compatibility provides full functionality on a wide range of dimmers, including leading-edge, trailing-edge, and digital dimmers.



Features

• Best-in-class Dimmer Compatibility

   - Leading-edge (TRIAC) Dimmers

   - Trailing-edge Dimmers

   - Digital Dimmers (Dimmers with an Integrated Power Supply)

• Flicker-free Dimming

• 0% to 100% Smooth Dimming

• Primary-side Regulation (PSR)

• Active Power Factor Correction (PFC)

   - >0.9 Power Factor

• Constant-current Output

   - Flyback

   - Buck-boost

• Tight LED Current Regulation: Better than ±5%

• Low THD: Less Than 20%

• Up to 90% Efficiency

• Fast Startup

• IEC61000-3-2 Compliant

• Meets NEMA SSL 6 Dimming Standard

   - Closely Matches Incandescent S-curve

• Protection Features

   - Output Open Circuit

   - Output Short Circuit

   - External Overtemperature Using NTC

  

Applications

• Retro-fit LED Lamps

• External LED Drivers

• LED Luminaries

• Commercial Lighting



 




Similar Part No. - CS1615

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS1615 APEX-CS1615 Datasheet
387Kb / 16P
Single Stage Dimmable Offline AC/DC Controller for LED Lamps
CS1615-FSZ APEX-CS1615-FSZ Datasheet
387Kb / 16P
Single Stage Dimmable Offline AC/DC Controller for LED Lamps
CS1615-FSZR APEX-CS1615-FSZR Datasheet
387Kb / 16P
Single Stage Dimmable Offline AC/DC Controller for LED Lamps
CS1615-FZZ APEX-CS1615-FZZ Datasheet
387Kb / 16P
Single Stage Dimmable Offline AC/DC Controller for LED Lamps
CS1615-FZZR APEX-CS1615-FZZR Datasheet
387Kb / 16P
Single Stage Dimmable Offline AC/DC Controller for LED Lamps
More results


Similar Description - CS1615

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3445 NSC-LM3445 Datasheet
1Mb / 26P
Triac Dimmable Offline LED Driver
logo
Maxim Integrated Produc...
MAX16841 MAXIM-MAX16841 Datasheet
1Mb / 18P
Controller IC for Dimmable Offline LED Lamps
Rev 0; 10/11
MAX16841 MAXIM-MAX16841_13 Datasheet
1Mb / 18P
Controller IC for Dimmable Offline LED Lamps
Rev 1; 6/13
logo
Cirrus Logic
CS1615 APEX-CS1615 Datasheet
387Kb / 16P
Single Stage Dimmable Offline AC/DC Controller for LED Lamps
logo
Texas Instruments
LM3445MM TI-LM3445MM Datasheet
1Mb / 39P
Triac Dimmable Offline LED Driver
LM3445 TI1-LM3445_15 Datasheet
1Mb / 42P
TRIAC Dimmable Offline LED Driver
logo
Diodes Incorporated
AL1663 DIODES-AL1663 Datasheet
436Kb / 15P
SINGLE STAGE DIMMABLE LED CONTROLLER
Rev 1
logo
Dialog Semiconductor
IW3659 DIALOG-IW3659 Datasheet
317Kb / 6P
Single-Stage SSL LED Driver for Dimmable Retrofit Lamps up to 25W
IW3688 DIALOG-IW3688 Datasheet
384Kb / 6P
AC/DC Advanced Digital Power Controller for Single-Stage Dimmable LED Drivers
logo
Diodes Incorporated
AL5892 DIODES-AL5892 Datasheet
657Kb / 11P
OFFLINE DIMMABLE LINEAR LED DRIVER
Rev. 1 - 2 October 2019
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com