Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1615 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS1615
Description  Single Stage Dimmable Offline AC/DCController for LED Lamps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS1615 Datasheet(HTML) 3 Page - Cirrus Logic

  CS1615 Datasheet HTML 1Page - Cirrus Logic CS1615 Datasheet HTML 2Page - Cirrus Logic CS1615 Datasheet HTML 3Page - Cirrus Logic CS1615 Datasheet HTML 4Page - Cirrus Logic CS1615 Datasheet HTML 5Page - Cirrus Logic CS1615 Datasheet HTML 6Page - Cirrus Logic CS1615 Datasheet HTML 7Page - Cirrus Logic CS1615 Datasheet HTML 8Page - Cirrus Logic CS1615 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
CS1615/16
DS961PP5
3
2. PIN DESCRIPTION
Figure 2. CS1615/16 Pin Assignments
16-lead SOIC and TSSOP
16
Zero-current Detect
FBAUX
15
No Connect
NC
14
IC Supply Voltage
VDD
13
GD
Gate Drive
10
eOTP
External Overtemperature Protection
11
FBSENSE
Flyback Current Sense
12
GND
Ground
9
LED Load Current
CTRL2
No Connect
NC
1
2
IAC
Rectifier Voltage Sense
3
Voltage Clamp Current Source
CLAMP
4
SGND
Source Ground
5
Source Switch
SOURCE
6
NC
No Connect
7
No Connect
NC
8
CTRL1
Dimmer Hold Current
Pin Name
Pin #
I/O
Description
NC
1IN
No Connect — Leave pin unconnected.
IAC
2IN
Rectifier Voltage Sense — A current proportional to the rectified line voltage is fed
into this pin. The current is measured with an A/D converter.
CLAMP
3OUT
Voltage Clamp Current Source — Connect to a voltage clamp circuit on the source-
switched dimmer-compatibility circuit.
SGND
4PWR
Source Ground — Common reference current return for the SOURCE pin.
SOURCE
5IN
Source Switch — Connected to the source of the source-switched external high-volt-
age FET.
NC
6IN
No Connect — Connect this pin to VDD using a 47k
 pull-up resistor.
NC
7IN
No Connect — Connect this pin to VDD using a 47k
pull-up resistor.
CTRL1
8IN
Dimmer Hold Current — Connect a resistor to this pin to set the minimum input cur-
rent being pulled by the flyback/buck-boost stage.
CTRL2
9IN
LED Load Current — Connect a resistor to this pin to set the LED current.
eOTP
10
IN
External Overtemperature Protection — Connect an external NTC thermistor to this
pin, allowing the internal A/D converter to sample the change to NTC resistance.
FBSENSE
11
IN
Feedback Current Sense — The current flowing in the power FET is sensed across a
resistor. The resulting voltage is applied to this pin and digitized for use by the compu-
tational logic to determine the FET's duty cycle.
GND
12
PWR
Ground — Common reference. Current return for both the input signal portion of the
IC and the gate driver.
GD
13
OUT
Gate Drive — Gate drive for the power FET.
VDD
14
PWR
IC Supply Voltage — Connect a storage capacitor to this pin to serve as a reservoir
for operating current for the device, including the gate drive current to the power tran-
sistor.
NC
15
-
No Connect — Leave pin unconnected.
FBAUX
16
IN
Zero-current Detect — Connect to the flyback/buck-boost inductor auxiliary winding
for demagnetization current zero-crossing detection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com