Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1615 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS1615
Description  Single Stage Dimmable Offline AC/DCController for LED Lamps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS1615 Datasheet(HTML) 4 Page - Cirrus Logic

  CS1615 Datasheet HTML 1Page - Cirrus Logic CS1615 Datasheet HTML 2Page - Cirrus Logic CS1615 Datasheet HTML 3Page - Cirrus Logic CS1615 Datasheet HTML 4Page - Cirrus Logic CS1615 Datasheet HTML 5Page - Cirrus Logic CS1615 Datasheet HTML 6Page - Cirrus Logic CS1615 Datasheet HTML 7Page - Cirrus Logic CS1615 Datasheet HTML 8Page - Cirrus Logic CS1615 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
CS1615/16
4
DS961PP5
3. CHARACTERISTICS AND SPECIFICATIONS
3.1 Electrical Characteristics
Typical characteristics conditions:
•TA =25 °C, VDD =12V, GND= 0 V
• All voltages are measured with respect to GND.
• Unless otherwise specified, all currents are positive
when flowing into the IC.
Minimum/Maximum characteristics conditions:
•TJ = -40°C to +125 °C, VDD = 11V to 17V, GND = 0 V
Parameter
Condition
Symbol
Min
Typ
Max
Unit
VDD Supply Voltage
Operating Range
After Turn-on
VDD
11
-
17
V
Turn-on Threshold Voltage
VDD Increasing
VST(th)
-8.5
-
V
Turn-off Threshold Voltage (UVLO)
VDD Decreasing
VSTP(th)
-7.5
-
V
Zener Voltage
(Note 1)
IDD =20mA
VZ
18.5
-
19.8
V
VDD Supply Current
Startup Supply Current
VDD<VST(th)
IST
--
200
A
Operating Supply Current
(Note 2) CL = 0.25nF, fsw 70 kHz
-4.5
-
mA
Reference
Reference Current
CS1615
CS1616
Vrect =200 V
Vrect =400 V
Iref
-
-
133
133
-
-
A
A
Zero-current Detect
FBZCD Threshold
VFBZCD(th)
-200
-
mV
FBZCD Blanking
tFBZCB
-2
-
s
ZCD Sink Current
(Note 3)
IZCD
-2
-
-
mA
FBAUX Upper Voltage
IZCD =1mA
-VDD+0.6
-
V
Current Sense
Max Peak Control Threshold
VPk_Max(th)
-1.4
-
V
Leading-edge Blanking
tLEB
-550
-
ns
Delay to Output
--
100
ns
Pulse Width Modulator
Minimum On Time
-
0.55
-
s
Maximum On Time
-
12.8
-
s
Minimum Switching Frequency
tFB(Min)
-6
-
kHz
Maximum Switching Frequency
tFB(Max)
-200
-
kHz
Gate Driver
Output Source Resistance
ZOUT
-24
-
Output Sink Resistance
ZOUT
-11
-
Rise Time
CL =0.25nF
--
30
ns
Fall Time
CL =0.25nF
--
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com