Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1615 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS1615
Description  Single Stage Dimmable Offline AC/DCController for LED Lamps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS1615 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS1615 Datasheet HTML 8Page - Cirrus Logic CS1615 Datasheet HTML 9Page - Cirrus Logic CS1615 Datasheet HTML 10Page - Cirrus Logic CS1615 Datasheet HTML 11Page - Cirrus Logic CS1615 Datasheet HTML 12Page - Cirrus Logic CS1615 Datasheet HTML 13Page - Cirrus Logic CS1615 Datasheet HTML 14Page - Cirrus Logic CS1615 Datasheet HTML 15Page - Cirrus Logic CS1615 Datasheet HTML 16Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
CS1615/16
DS961PP5
13
Notes: 1. Controlling dimensions are in millimeters.
2. Dimensions and tolerances per ASME Y14.5M.
3. This drawing conforms to JEDEC outline MS-012, variation AC for standard 16 SOICN narrow body.
4. Recommended reflow profile is per JEDEC/IPC J-STD-020.
mm
inch
Dimension
MIN
NOM
MAX
MIN
NOM
MAX
A
- -
- -
1.75
- -
- -
0.069
A1
0.10
- -
0.25
0.004
- -
0.010
b
0.31
- -
0.51
0.012
- -
0.020
c
0.10
- -
0.25
0.004
- -
0.010
D
9.90 BSC
0.390 BSC
E
6.00 BSC
0.236 BSC
E1
3.90 BSC
0.154 BSC
e
1.27 BSC
0.050 BSC
L
0.40
- -
1.27
0.016
- -
0.050
Θ
0°
- -8°0°- -8°
aaa
0.10
0.004
bbb
0.25
0.010
ddd
0.25
0.010
16-PIN SOICN (150 MIL BODY)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com