Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3G-R17 Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # E3G-R17
Description  Long-distance Photoelectric Sensor with Built-in Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3G-R17 Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button E3G-R17 Datasheet HTML 4Page - Omron Electronics LLC E3G-R17 Datasheet HTML 5Page - Omron Electronics LLC E3G-R17 Datasheet HTML 6Page - Omron Electronics LLC E3G-R17 Datasheet HTML 7Page - Omron Electronics LLC E3G-R17 Datasheet HTML 8Page - Omron Electronics LLC E3G-R17 Datasheet HTML 9Page - Omron Electronics LLC E3G-R17 Datasheet HTML 10Page - Omron Electronics LLC E3G-R17 Datasheet HTML 11Page - Omron Electronics LLC E3G-R17 Datasheet HTML 12Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
E3G
8
Safety Precautions
Refer to Warranty and Limitations of Liability.
This product is not designed or rated for ensuring
safety of persons either directly or indirectly.
Do not use it for such purposes.
Do not use the product in atmospheres or environments that exceed
product ratings.
● Designing
Power Supply
A power supply with full-wave rectification can be connected to the
E3G-MR19(T).
● Wiring
The tensile strength of the cable during operation should not exceed
the values shown below.
● Adjusting
Indicators
• The following illustration indicates the operating levels of the E3G.
• Set the E3G so that it will work within the stable operation range.
● Designing
Power Supply
A power supply with full-wave rectification can be connected to the
E3G-ML79(T).
● Wiring
The tensile strength of the cable during operation should not exceed
the values shown below.
● Mounting
Mounting
• If there is a mirror-like object below the Sensor, the Sensor may not
be in stable operation. Therefore, incline the Sensor or keep the
Sensor a distance away from the mirror-like object as shown below.
• Make sure not to install the Sensor in the incorrect direction. Refer
to the following.
Install the Sensor as shown in the following if each sensing object
greatly differs in color or material.
● Others
EEPROM Write Errors
If a teaching data error occurs with the operation indicator flashing
due to a power failure or static noise, perform the teaching operation
of the Sensor again.
WARNING
Precautions for Correct Use
E3G-R/MR
Model
Tensile strength
(torque)
E3G-R13
E3G-MR19(T)
50 N max.
E3G-R17
10 N max.
E3G-L/ML
Model
Tensile strength
(torque)
E3G-L73
E3G-ML79(T)
50 N max.
E3G-L77
10 N max.
ON
ON
Stable
operation
range*
Stable
operation
range*
Unstable
operation
range *
Operating
level
Operating
level x 0.8
Operating
level x 1.2
Stability indicator
(green)
*If the operating level is set to the stable operation range, the E3G will operate with the
highest reliability and without being influenced by temperature change, voltage fluctuation,
dust, or setting change. If the operating level cannot be set to the stable operation range,
pay close attention to environmental changes while operating the E3G.
Operation indicator (orange)
L. ON
D. ON
OFF
OFF
OFF
ON
ON
Mounting Directions
• Make sure that the sensing side of the
Sensor is parallel with the surface of
each sensing object. Do not incline the
Sensor towards the sensing object.
If the sensing object has a glossy
surface, incline the Sensor by 5
° to 10°
as shown below, provided that the
Sensor is not influenced by any
background objects.
Surface of
sensing object
Sensing side
Glossy object
Sensing
object
Mirror-like object
Sensing
object
Moving direction
Moving direction
Moving direction
Sensing
object
Sensing
object
Moving direction
Moving direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com