Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3G-R17 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # E3G-R17
Description  Long-distance Photoelectric Sensor with Built-in Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3G-R17 Datasheet(HTML) 1 Page - Omron Electronics LLC

  E3G-R17 Datasheet HTML 1Page - Omron Electronics LLC E3G-R17 Datasheet HTML 2Page - Omron Electronics LLC E3G-R17 Datasheet HTML 3Page - Omron Electronics LLC E3G-R17 Datasheet HTML 4Page - Omron Electronics LLC E3G-R17 Datasheet HTML 5Page - Omron Electronics LLC E3G-R17 Datasheet HTML 6Page - Omron Electronics LLC E3G-R17 Datasheet HTML 7Page - Omron Electronics LLC E3G-R17 Datasheet HTML 8Page - Omron Electronics LLC E3G-R17 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
CSM_E3G_DS_E_ _1
Long-distance Photoelectric Sensor with Built-in Amplifier
E3G
Line of Long-distance
Photoelectric Sensors for Large
Workpieces Includes Retro-
reflective Models with Sensing
Distance of 10 m and Distance
Settings Up to 2 m.
• Compact Retro-reflective models require less wiring and
less space with a sensing distance as long as 10 m.
• Distance-setting models feature a teaching function.
• Stability indicator shows at a glance when operating
conditions are stable.
• Relay and selectable NPN/PNP transistor outputs provided.
• Cable, standard connector, and terminal board models
available.
Be sure to read Safety Precautions on
page 8.
Ordering Information
Sensors (Refer to Dimensions on page 10.)
* Values in parentheses indicate the minimum required distance between the Sensor and Reflector.
Accessories (Order Separately)
Reflectors (Refer to Dimensions on E39-L/F39-L/E39-S/E39-R.)
* Values in parentheses indicate the minimum required distance between the Sensor and Reflector.
Terminal Protection Cover for Side-pullout Cable (Refer to Dimensions on page 12.)
Sensing method
Appear-
ance
Connection method
Sensing distance
Timer
function
Model
NPN/PNP
selector
Relay output
Retro-reflective
(with MSR function)
E39-R2
(provided)
Pre-wired (2 m)
*
---
E3G-R13 2M
---
Connector (M12)
E3G-R17
Terminal block
---
E3G-MR19
Yes
E3G-MR19T
Distance-setting
Pre-wired (2 m)
---
E3G-L73 2M
---
Connector (M12)
E3G-L77
Terminal block
---
E3G-ML79
Yes
E3G-ML79T
Appearance
Sensing distance (typical)
Model
Minimum order
Remarks
10 m (500 mm)
(Rated value)*
E39-R2
1
Provided with the E3G-R1
@/MR19(T).
6 m (100 mm)*
E39-R1
1---
Appearance
Model
Minimum order
Applicable model
Remarks
E39-L129
1
E3G-MR19(T)
E3G-ML79(T)
Provided with rubber bushing and cap for pullout
prevention in vertical direction.
Red light
Infrared light
10 m
(500 mm)
White paper (300
× 300 mm)
0.2 to 2 m


Similar Part No. - E3G-R17

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3G-R17 OMRON-E3G-R17 Datasheet
909Kb / 12P
Long-distance Photoelectric Sensor with Built-in Amplifier
E3G-R17 OMRON-E3G-R17 Datasheet
909Kb / 12P
Long-distance Photoelectric Sensor with Built-in Amplifier
More results

Similar Description - E3G-R17

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3G-ML79-US OMRON-E3G-ML79-US Datasheet
909Kb / 12P
Long-distance Photoelectric Sensor with Built-in Amplifier
E3G-MR19-US OMRON-E3G-MR19-US Datasheet
909Kb / 12P
Long-distance Photoelectric Sensor with Built-in Amplifier
E3S-2B41 OMRON-E3S-2B41 Datasheet
1Mb / 15P
Photoelectric Sensor with Built-in Amplifier
E3Z-T61A OMRON-E3Z-T61A Datasheet
2Mb / 19P
Compact Photoelectric Sensor with Built-in Amplifier
E3Z-D62 OMRON-E3Z-D62 Datasheet
486Kb / 15P
Photoelectric Sensor with Built-in Amplifier
E3Z-D81 OMRON-E3Z-D81 Datasheet
2Mb / 19P
Compact Photoelectric Sensor with Built-in Amplifier
E3Z-R61 OMRON-E3Z-R61 Datasheet
2Mb / 19P
Compact Photoelectric Sensor with Built-in Amplifier
E3Z-T66A OMRON-E3Z-T66A Datasheet
486Kb / 15P
Photoelectric Sensor with Built-in Amplifier
E3S OMRON-E3S Datasheet
1Mb / 15P
Photoelectric Sensor with Built-in Amplifier
E3Z OMRON-E3Z Datasheet
3Mb / 17P
Compact Photoelectric Sensor with Built-in Amplifier
2019.6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com