Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3JK-R2M1 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # E3JK-R2M1
Description  All voltage photoelectric sensors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3JK-R2M1 Datasheet(HTML) 3 Page - Omron Electronics LLC

  E3JK-R2M1 Datasheet HTML 1Page - Omron Electronics LLC E3JK-R2M1 Datasheet HTML 2Page - Omron Electronics LLC E3JK-R2M1 Datasheet HTML 3Page - Omron Electronics LLC E3JK-R2M1 Datasheet HTML 4Page - Omron Electronics LLC E3JK-R2M1 Datasheet HTML 5Page - Omron Electronics LLC E3JK-R2M1 Datasheet HTML 6Page - Omron Electronics LLC E3JK-R2M1 Datasheet HTML 7Page - Omron Electronics LLC E3JK-R2M1 Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
E3JK
Rating/Performance
E3JK
Sensor
type
Through-
beam
Retroflective model
(with M.S.R. function)
Retroflective model
(without M.S.R. function)
Diffuse-reflective
Item
Model
E3JK-5M#
E3JK-R2M#
E3JK-R2#3
E3JK-R4M#
E3JK-R4S3
E3JK-DS30M#
E3JK-DS30S3
Sensing distance
5 m
2.5 m
(When using the E39-R1)
4 m
(When using the E39-R1)
300 mm
(White paper 100x100 mm)
Standard sensing
object
Opaque 14.8
dia. min.
Opaque: 75 mm dia. min.
---
Differential
distance
---
20% max. of sensing
distance
Directional angle
Both emitter
and receiver:
3°C to 20°C
1° to 5°
---
Light source (wave
length)
Infrared LED
(950 nm)
Red LED (660 nm)
Infrared LED (950 nm)
Power supply volt-
age
12 to 240 VDC ±10% ripple (p-p) : 10% max. 24 to 240 VAC ±10% 50/60 Hz
Current
con-
sump-
tion
DC
3 W max.
2 W max.
AC
3 W max.
2 W max.
Control output
Relay
output:
250VAC
3 A (cos
ϕ=1)
max., 5 VDC
10 mA min.
Relay
output:
250VAC
3 A (cos
ϕ=1)
max., 5 VDC
10 mA min.
DC SSR Neg-
ative or posi-
tive common
48 VDC
100 mA max.
Leak current
0.1 mA max.
With load
short-circuit
protection
Relay
output:
250VAC
3 A (cos
ϕ=1)
max., 5 VDC
10 mA min.
DC SSR
Negative com-
mon
48 VDC
100 mA max.
Leak current
0.1 mA max.
With load short-
circuit protec-
tion
Relay
output:
250VAC
3 A (cos
ϕ=1)
max., 5 VDC
10 mA min.
DC SSR Neg-
ative common
48 VDC
100 mA max.
Leak current
0.1 mA max.
With load
short-circuit
protection
Life ex-
pectan-
cy (relay
output)
Me-
chanical
50 million times or more (switching frequency 18,000 times/hour)
Electri-
cal
100 thousand times or more (switching frequency 18,000 times/hour)
Response time
30 ms max.
30 ms max.
5 ms max.
30 ms max.
5 ms max.
30 ms max.
5 ms max.
Sensitivity
adjustment
---
Single-turn adjustment
Ambient
illuminance
Incandescent lamp: 3,000 lux max.
Ambient
temperature
Operating: -25°C to 55°C, Storage: -30°C to 70°C (with no icing or condensation)
Ambient humidity
Operating: 45% to 85%RH, Storage: 35% to 95%RH (with no condensation)
Insulation
resistance
20 M
Ω min. at 500 VDC
Dielectric strength
1,500 VAC at 50/60 Hz for 1 minute
Vibra-
tion
resis-
tance
Destruc-
tion
10 to 55 Hz, 1.5 mm double amplitude for 2 hours each in X, Y, and Z directions
Mal-
function
10 to 55 Hz, 1.5 mm double amplitude for 2 hours each in X, Y, and Z directions



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com