Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3JK-R2M1 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # E3JK-R2M1
Description  All voltage photoelectric sensors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3JK-R2M1 Datasheet(HTML) 5 Page - Omron Electronics LLC

  E3JK-R2M1 Datasheet HTML 1Page - Omron Electronics LLC E3JK-R2M1 Datasheet HTML 2Page - Omron Electronics LLC E3JK-R2M1 Datasheet HTML 3Page - Omron Electronics LLC E3JK-R2M1 Datasheet HTML 4Page - Omron Electronics LLC E3JK-R2M1 Datasheet HTML 5Page - Omron Electronics LLC E3JK-R2M1 Datasheet HTML 6Page - Omron Electronics LLC E3JK-R2M1 Datasheet HTML 7Page - Omron Electronics LLC E3JK-R2M1 Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
E3JK
Characteristic data (typical)
Excess Gain Ratio vs. Setting Distance
Through-beam model
Retroreflective Models
Diffuse-reflective
E3JK-5##
E3JK-R2## + E39-R1 (supplied reflector)
E3JK-DS30##
E3JK-R4## + E39-R1 (supplied reflector)
1,000
500
300
100
50
30
10
5
3
1
Setting distance (m)
1
02
3
4
5
6
7
8
Operating
voltage
100
50
30
10
5
3
1
Setting distance (m)
1
02
3
4
Operating
voltage
Reflector: E39-R1
Setting distance (mm)
100
0
200
300
400
500
100
50
30
10
5
3
1
Operating
voltage
Sensing object: White paper
Setting distance (m)
1
02
3
4
5
100
50
30
10
5
3
1
Operating
voltage
Reflector: E39-R1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com