Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3JK-R2M2 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # E3JK-R2M2
Description  All voltage photoelectric sensors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3JK-R2M2 Datasheet(HTML) 4 Page - Omron Electronics LLC

  E3JK-R2M2 Datasheet HTML 1Page - Omron Electronics LLC E3JK-R2M2 Datasheet HTML 2Page - Omron Electronics LLC E3JK-R2M2 Datasheet HTML 3Page - Omron Electronics LLC E3JK-R2M2 Datasheet HTML 4Page - Omron Electronics LLC E3JK-R2M2 Datasheet HTML 5Page - Omron Electronics LLC E3JK-R2M2 Datasheet HTML 6Page - Omron Electronics LLC E3JK-R2M2 Datasheet HTML 7Page - Omron Electronics LLC E3JK-R2M2 Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
E3JK
Shock
resis-
tance
Destruc-
tion
Destruction: 500 m/s2 for 3 times each in X, Y, and Z directions
Mal-
function
Destruc-
tion:
100 m/s2
(approx.
10G)
3 times
each in
X, Y, and Z
directions
Destruction:
100 m/s2
(approx.
10G) 3 times
each in X, Y,
and Z direc
tions
Destruction:
500 m/s2 for 3
times each in
X, Y and
Z directions
Destruction:
100 m/s2
(approx.
10G) 3 times
each in X, Y,
and Z direc
tions
Destruction:
500 m/s2 for
3 times each
in X, Y, and
Z directions
Destruction:
100 m/s2
(approx.
10G) 3 times
each in X, Y,
and Z direc
tions
Destruction:
500 m/s2 for
3 times each
in X, Y, and
Z directions
Protective
structure
IEC60529 IP64
Connection
method
Pre-wired models (standard length: 2 m)
Weight
(Packed state)
Approx. 420 g Approx. 250 g
Material
Case
ABS
Lens
Acrylics
Mounting
bracket
Steel
Accessories
Mounting bracket (with screws), nuts, instruction manual, reflector (retroreflective model only)
Sensor
type
Through-
beam
Retroflective model
(with M.S.R. function)
Retroflective model
(without M.S.R. function)
Diffuse-reflective
Item
Model
E3JK-5M#
E3JK-R2M#
E3JK-R2#3
E3JK-R4M#
E3JK-R4S3
E3JK-DS30M#
E3JK-DS30S3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com