Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3JK-R2M2 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # E3JK-R2M2
Description  All voltage photoelectric sensors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3JK-R2M2 Datasheet(HTML) 6 Page - Omron Electronics LLC

  E3JK-R2M2 Datasheet HTML 1Page - Omron Electronics LLC E3JK-R2M2 Datasheet HTML 2Page - Omron Electronics LLC E3JK-R2M2 Datasheet HTML 3Page - Omron Electronics LLC E3JK-R2M2 Datasheet HTML 4Page - Omron Electronics LLC E3JK-R2M2 Datasheet HTML 5Page - Omron Electronics LLC E3JK-R2M2 Datasheet HTML 6Page - Omron Electronics LLC E3JK-R2M2 Datasheet HTML 7Page - Omron Electronics LLC E3JK-R2M2 Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Standard Photoelectric Sensors
Output Circuit Diagram
E3JK
Relay output
DC transistor output
Note: Connect to brown and blue on the emitter side.
Model
Timing chart
Output circuit
E3JK-5M1
E3JK-5M2
E3JK-R2M1
E3JK-R2M2
E3JK-R4M1
E3JK-R4M2
E3JK-DS30M1
E3JK-DS30M2
Model
Timing chart
Output circuit
E3JK-R2S3
E3JK-R4S3
E3JK-DS30S3
E3JK-R2R3
Light indicator
(red)
L-ON(Ta)
(E3JK-##M1)
D-ON(Ta)
(E3JK-##M2)
Incident
Interrupted
ON
OFF
ON
OFF
ON
OFF
Power
source
Main circuit
(Polarity Optional)
24 to 240 VAC
12 to 240 VDC
White
Brown
Blue
Black
Contact output
Tc
Tb
Ta
Gray
Built-in relay: G6C
Light
indicator
(red)
L-ON mode
D-ON mode
Incident
Interrupted
ON
OFF
ON
OFF
ON
OFF
Main
circuit
Power
source
Load
Load
Brown
Blue
White
Gray (D-ON)
Black (L-ON)
Drive
circuit
Drive
circuit
24 to 240 VAC
12 to 240 VDC
Light
indicator
(red)
L-ON mode
D-ON mode
Incident
Interrupted
ON
OFF
ON
OFF
ON
OFF
Power
source
(Polarity
Optional)
24 to 240 VAC
12 to 240 VDC
Main
circuit
Drive
circuit
Drive
circuit
D/ON
L/ON
Gray
Black
48 VDC max.
White
Load
Load
I1
I2
I1 + I2 < 100 mA
Brown
Blue
Note: The output stage leakage currents are 0.1 mA max., respectively.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com