Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3S-R2E4 Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # E3S-R2E4
Description  Photoelectric Sensor with Built-in Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3S-R2E4 Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button E3S-R2E4 Datasheet HTML 4Page - Omron Electronics LLC E3S-R2E4 Datasheet HTML 5Page - Omron Electronics LLC E3S-R2E4 Datasheet HTML 6Page - Omron Electronics LLC E3S-R2E4 Datasheet HTML 7Page - Omron Electronics LLC E3S-R2E4 Datasheet HTML 8Page - Omron Electronics LLC E3S-R2E4 Datasheet HTML 9Page - Omron Electronics LLC E3S-R2E4 Datasheet HTML 10Page - Omron Electronics LLC E3S-R2E4 Datasheet HTML 11Page - Omron Electronics LLC E3S-R2E4 Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
E3S
8
Safety Precautions
This product is not designed or rated for
ensuring safety of persons.
Do not use it for such purposes.
Do not use the product in atmospheres or environments that
exceed product ratings.
If the sensing object has a metallic or shiny surface, the E3S-
R may not detect it properly. To avoid this situation, place the
sensing object so that it is not at right angles to the
Photoelectric Sensor.
● Attaching the E39-S Slit
• The Slit can be fitted vertically or horizontally as indicated
by the dotted line. Make sure that Slits for the Emitter and
the Receiver are fitted in the same orientation.
• Place the packing in the supporter and hook the claws on
the indentations in the Sensor head.
• If the supporter is contacting the mounting surface, insert a
spacer to separate it. (Refer to Slit Dimensions.)
• An operating position accuracy of 0.1 mm max. can be
achieved for a Through-beam Sensor without Slits.
Sensor with Slits
● Sensors with Open-collector Outputs
Sensors with Open-collector Outputs
The model numbers are as follows:
Example:
E3S-DS10E4 (E type)
E3S-DS1C4 (C type)
E3S-DS1B4 (B type)
C4 (C41, C42) Sensors
C4 (B41, B42) Sensors
Note 1. Only C42 models with die-cast cases are available.
2. The Emitter for a Through-beam C4-type Sensor is the same as the
Emitter for an E4-type Sensor. (E.g., E3S-5LE4)
3. When a C- or B- type Sensor experiences a load short-circuit or overload,
the output transistor will be turned OFF. Check the load conditions before
turning the power back ON.
WARNING
Precautions for Correct Use
Applicable
Photoelectric
Sensor
E3S-5E4, -5E41 (42)
E3S-2E4, -2E41
Model
E39-S1
E39-S2
Item
Slit
width
0.5 mm
1 mm
2 mm
4 mm
0.5 mm
1 mm
2 mm
Sensing
distance
230 mm
580 mm
1200 mm
2500 mm
170 mm
420 mm
820 mm
Sensing object
0.5 mm
1 mm
2 mm
4 mm
0.5 mm
1 mm
2 mm
Degree of
protection
IP60
Create an angle.
Glossy surface
Sensing object
10
° to 20°
Reflector
Supporter
Cut-out section
Claws
Slit
Sensor head
Indentation
Protrusion
Packing B
Packing A
Type
Output
type
Output
transistor
Rated
current
output
Switching
current
Output
protection
circuit
E
Voltage or
current
output
NPN
1.5 to
4mA
80 mA max.
(sinking)
Provided against
an increase in the
residual output
voltage
C
Open-
collector
output
NPN
---
100 mA
max.
(sinking)
Provided:
Output transistor
cutoff
B
Open-
collector
output
PNP
---
100 mA
max.
(sourcing)
Provided:
Output transistor
cutoff
Brown *
0 V
Load
(relay)
Black (output)
Blue *
Photo-
electric
Sensor
main
circuit
+V
Z
2.2
Ω
Brown *
0 V
Load
(relay)
Black (output)
Blue *
Photo-
electric
Sensor
main
circuit
+V
Z
2.2
Ω
Z: Zener diode (Vz = 30 V)
* The operation mode depends on the wiring of the
brown and blue lines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com