Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3S-R2E4 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # E3S-R2E4
Description  Photoelectric Sensor with Built-in Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3S-R2E4 Datasheet(HTML) 5 Page - Omron Electronics LLC

  E3S-R2E4 Datasheet HTML 1Page - Omron Electronics LLC E3S-R2E4 Datasheet HTML 2Page - Omron Electronics LLC E3S-R2E4 Datasheet HTML 3Page - Omron Electronics LLC E3S-R2E4 Datasheet HTML 4Page - Omron Electronics LLC E3S-R2E4 Datasheet HTML 5Page - Omron Electronics LLC E3S-R2E4 Datasheet HTML 6Page - Omron Electronics LLC E3S-R2E4 Datasheet HTML 7Page - Omron Electronics LLC E3S-R2E4 Datasheet HTML 8Page - Omron Electronics LLC E3S-R2E4 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
E3S
5
I/O Circuit Diagrams
Item
Opera-
tion
mode
Output circuit
Timing charts
Model
Wire
color
Power
polarity
E3S
Brown
+
Light-ON
Blue
0 V
Brown
0 V
Dark-ON
Blue
+
Brown *1
12 to 24 VDC
*2
0 V
Load 1
(relay)
Load 2
Black
Blue *1
1.5 to
4 mA
Z
Photo-
electric
Sensor
main
circuit
Stability
indicator
(green)
Light
indicator
(red)
Z: Zener diode (Vz = 30 V)
*1: Reverse the polarity of the power supply to switch the
operating mode.
*2: Voltage output (when connecting transistor circuit)
Incident light
No incident light
ON
OFF
ON
OFF
Operate
Reset
H
L
Light
indicator
(red)
Output
transistor
Load 1
(e.g., relay)
Load 2
(Between brown and black)
(Between blue and black)
Brown *1
12 to 24 VDC
*2
0 V
Load 1
(relay)
Load 2
Black
Blue *1
1.5 to
4 mA
Z
Photo-
electric
Sensor
main
circuit
Stability
indicator
(green)
Light
indicator
(red)
Z: Zener diode (Vz = 30 V)
*1: Reverse the polarity of the power supply to switch the
operating mode.
*2: Voltage output (when connecting transistor circuit)
Incident light
No incident light
ON
OFF
ON
OFF
Operate
Reset
H
L
Light
indicator
(red)
Output
transistor
Load 1
(e.g., relay)
Load 2
(Between brown and black)
(Between blue and black)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com