Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3S-R2E41 Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # E3S-R2E41
Description  Photoelectric Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3S-R2E41 Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button E3S-R2E41 Datasheet HTML 4Page - Omron Electronics LLC E3S-R2E41 Datasheet HTML 5Page - Omron Electronics LLC E3S-R2E41 Datasheet HTML 6Page - Omron Electronics LLC E3S-R2E41 Datasheet HTML 7Page - Omron Electronics LLC E3S-R2E41 Datasheet HTML 8Page - Omron Electronics LLC E3S-R2E41 Datasheet HTML 9Page - Omron Electronics LLC E3S-R2E41 Datasheet HTML 10Page - Omron Electronics LLC E3S-R2E41 Datasheet HTML 11Page - Omron Electronics LLC E3S-R2E41 Datasheet HTML 12Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
E3S
E3S
9
E3S-DS10E(B)4
Cord:
4-mm dia., 18/0.12, 3-conductor
Standard length: 2 m
Weight: approx. 80 g
Note:
A mounting bracket can be attached to side A.
E3S-DS10E(B)41
Cord:
4.5-mm dia., 18/0.12, 3-conductor
Standard length: 2 m
Weight: approx. 80 g
Note:
A mounting bracket can be attached to side A.
E3S-R2E(B)4
E3S-DS30E(B)4
Cord:
4-mm dia., 18/0.12, 3-conductor
Standard length: 2 m
Weight: approx. 165 g
Note:
A mounting bracket can be attached to side A.
Indicator
Sensitivity adjustor
Emitter
Receiver
(A) (see note)
Lens (7 x 13)
6 dia. 12.8 dia.
Indicator
Sensitivity adjustor
Emitter
Receiver
(A) (see note)
Lens (7 x 13)
6 dia. 12.8 dia.
Two, M3
(A) (see note)
Lens (10 x 15)
Indicator
Sensitivity adjustor
Receiver
Emitter
Two, M4 slotted
hexagonal bolts
13 dia.
Accessories (Order Separately)
E39-R1 Retroreflector
(Supplied with E3S-R2E(B)4(1))
Two, 3.5 dia.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com