| Electronic Components Datasheet Search |
|
E3S-R2E41 Datasheet(PDF) 2 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E3S-R2E41 Datasheet(HTML) 2 Page - Omron Electronics LLC |
|
2 / 12 page ![]() E3S E3S 2 Specifications Ratings/Characteristics Item E3S-2 jj E3S-5 jj E3S-R2 jj E3S-DS10 jj Power supply voltage 12 VDC –10% to 24 VDC +10%, ripple (p-p): 10% max. Current consumption 50 mA max. 40 mA max. Sensing distance 2 m 5 m 0.1 to 2 m (with E39-R1 reflector) 10 cm Differential travel --- 20% max. of sensing distance Standard objects Opaque (7 mm) Opaque (11 mm) Opaque (30 mm) 5 x 5 cm white mat paper Control output DC solid-state Load Load current: Models with suffix -E4: 80 mA max. Models with suffix -B4: 100 mA max. output solid state Voltage output 2 V max. Response time (ON, OFF) 3 ms max. 1 ms max. Operation mode Wire-selectable Indicators Light indicator (red), stability indicator (green) Enclosure rating IEC 144 IP65 IP67 IP65 NEMA 1, 2, 12 1, 3, 4X, 6, 12 1, 2, 12 Housing material Plastic Metal Plastic Light source Infrared LED Ambient temperature Operating: –25 to 55 °C Item E3S-DS30 jj E3S-5 j4S(1) E3S-DS30 j4S(1) Power supply voltage 12 VDC –10% to 24 VDC +10%, ripple (p-p): 10% max. Current consumption 40 mA max. 70 mA max. Sensing distance 30 cm 5 m 30 cm Differential travel 20% max. of sensing distance --- 20% max. of sensing distance Standard objects 10 x 10 cm white mat paper Opaque (11 mm) 10 x 10 cm white mat paper Control output DC solid-state Load Load current: Models with suffix -E4: 80 mA max. Models with suffix -B4: 100 mA max. output solid state Voltage output 2 V max. Response time (ON, OFF) 1 ms max. 3 ms max. 1 ms max. Operation mode Wire-selectable Switch selectable Indicators Light indicator (red), stability indicator (green) Enclosure rating IEC 144 IP67 NEMA 1, 3, 4X, 6, 12 Housing material Metal Light source Infrared LED Ambient temperature Operating: –25 to 55 °C |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |