Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3G-R13 Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # E3G-R13
Description  Long-distance Photoelectric Sensor with Built-in Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3G-R13 Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button E3G-R13 Datasheet HTML 4Page - Omron Electronics LLC E3G-R13 Datasheet HTML 5Page - Omron Electronics LLC E3G-R13 Datasheet HTML 6Page - Omron Electronics LLC E3G-R13 Datasheet HTML 7Page - Omron Electronics LLC E3G-R13 Datasheet HTML 8Page - Omron Electronics LLC E3G-R13 Datasheet HTML 9Page - Omron Electronics LLC E3G-R13 Datasheet HTML 10Page - Omron Electronics LLC E3G-R13 Datasheet HTML 11Page - Omron Electronics LLC E3G-R13 Datasheet HTML 12Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
E3G
10
Dimensions
Sensors
Retro-reflective Models
(Unit: mm)
Tolerance class IT16 applies to dimensions in this datasheet unless otherwise specified.
47.8
45
Two, 4.5-dia.
mounting
holes
18.8
24.4
R11
1.1
12
R7
Receiver
Emitter
21
12
67.8
68.5
22
14
25
29
43
6-dia. vinyl-insulated round cable with 3 conductors
(Conductor cross section: 0.38 mm2,
Insulator diameter: 1.3 mm),
Standard length: 2 m
Two, M4
25
Operation selector
Operation indicator (orange)
Stability indicator
(green)
M2.6
Sensitivity
adjuster
Pre-wired Model
E3G-R13
Mounting
Holes
Standard Connector Model
E3G-R17
Note: All dimensions other than the
ones specified below are the
same as the corresponding
dimensions of E3G-R13.
8
37
8
43
7
M12 Connector 10.5 dia.
10
OFF-delay adjuster*
M2.6
37
74
Two, M4
ON-delay adjuster*
Two, 4.5-dia.
mounting holes
84.45
14
22
84.95
18.8
12
35.95
74
6
12
29
2.1
16
37
Hexagonal nut
(Diagonal: 22)
Applicable cable:
6 to 8 dia.
68
44
Operation
selector
Operation indicator (orange)
Stability indicator
(green)
Sensitivity adjuster
R11
R7
Receiver
Emitter
PF1/2 conduit: JIS B 0202
*The ON- or OFF-delay adjuster is not
available with the E3G-MR19.
Terminal Block Models
E3G-MR19
E3G-MR19T
Mounting Holes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com