Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3G-R13 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E3G-R13
Description  Long-distance Photoelectric Sensor with Built-in Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3G-R13 Datasheet(HTML) 2 Page - Omron Electronics LLC

  E3G-R13 Datasheet HTML 1Page - Omron Electronics LLC E3G-R13 Datasheet HTML 2Page - Omron Electronics LLC E3G-R13 Datasheet HTML 3Page - Omron Electronics LLC E3G-R13 Datasheet HTML 4Page - Omron Electronics LLC E3G-R13 Datasheet HTML 5Page - Omron Electronics LLC E3G-R13 Datasheet HTML 6Page - Omron Electronics LLC E3G-R13 Datasheet HTML 7Page - Omron Electronics LLC E3G-R13 Datasheet HTML 8Page - Omron Electronics LLC E3G-R13 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
E3G
2
Mounting Brackets (Refer to E39-L/F39-L/E39-S/E39-R)
Note: Mounting Brackets are not provided with Sensors and must be purchased separately.
Sensor I/O Connectors (M12) (Refer to Dimensions on XS2.)
Note: Refer to Introduction to Sensor I/O Connectors for details.
Appearance
Model
Quantity
Applicable model
Remarks
E39-L131
1
E3G-R1
@
E3G-L7
@
---
E39-L132
1
Rear-mounting use
E39-L135
1
E3G-MR19(T)
E3G-ML79(T)
Cable pulled out in the downward direction
E39-L136
1
---
Cable
Appearance
Cable type
Model
Standard
2 m
Three-
conductor
type
XS2F-D421-DC0-A
5 m
XS2F-D421-GC0-A
2 m
XS2F-D422-DC0-A
5 m
XS2F-D422-GC0-A
Straight
L-shaped



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com