Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3Z-R612M Datasheet(PDF) 16 Page - Omron Electronics LLC

Part # E3Z-R612M
Description  Compact Photoelectric Sensor with Built-in Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3Z-R612M Datasheet(HTML) 16 Page - Omron Electronics LLC

Back Button E3Z-R612M Datasheet HTML 11Page - Omron Electronics LLC E3Z-R612M Datasheet HTML 12Page - Omron Electronics LLC E3Z-R612M Datasheet HTML 13Page - Omron Electronics LLC E3Z-R612M Datasheet HTML 14Page - Omron Electronics LLC E3Z-R612M Datasheet HTML 15Page - Omron Electronics LLC E3Z-R612M Datasheet HTML 16Page - Omron Electronics LLC E3Z-R612M Datasheet HTML 17Page - Omron Electronics LLC E3Z-R612M Datasheet HTML 18Page - Omron Electronics LLC E3Z-R612M Datasheet HTML 19Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
16
E3Z
Dimensions
Sensors
* Models numbers for Through-beam Sensors (E3Z-T
@@) are for sets that include both the Emitter and Receiver.
The model number of the Emitter is expressed by adding "-L" to the set model number (example: E3Z-T61-L 2M), the model number of the Receiver, by adding "-D"
(example: E3Z-T61-D 2M.) Refer to Ordering Information to confirm model numbers for Emitter and Receivers.
(Unit: mm)
Tolerance class IT16 applies to dimensions in this data sheet unless otherwise specified.
Through-beam*
Pre-wired Models
E3Z-T61(K)
E3Z-T81(K)
E3Z-T61A
E3Z-T81A
E3Z-T62(-G0)
E3Z-T82(-G0)
20
20
12
3
2.8
25.4
12.7
4 dia. vinyl-insulated round cable with 2 conductors
(Conductor cross section: 0.2 mm2 (AWG24),
Insulator diameter: 1.1 mm), Standard length: 2 m
Two, M3
Power indicator
(orange)
Emitter
Lens
11
2.1
31
31
10.8
10.8
7.2
Pins 2 and 4 are not used.
Terminal
No.
Specifi-
cations
1+V
2
---
30V
4
---
(Excluding -G0)
Pin 4 is not used.
Terminal
No.
Specifi-
cations
1+V
2
Input
30V
4
---
(-G0)
6
15.8
18
4 dia. vinyl-insulated round cable with
2 or 3 conductors,
Standard length: 2m
Press-fit e-CON Pre-wired Connector
4 dia. vinyl-insulated round cable with
2 or 3 conductors,
Standard length: 0.3 m,0.5m, and 2m
15
5.9
15.6
4
3
2
1
M12
×1
1
3
2
4 dia. vinyl-insulated round cable with
2 or 3 conductors,
Standard length: 0.3 m
4
M8 Pre-wired Connector
(E3Z-T
@@K-M3J)
4 dia. vinyl-insulated round cable with
2 or 3 conductors,
Standard length: 0.3 m
M8
2
4
1
3
4
3
2
1
Clamp-type e-CON Pre-wired Connector
(E3Z-T61-ECON-C)
M12 Pre-wired Connector
(E3Z-T
@@-M1J)
* The Emitter cable has two conductors and the
Receiver cable has three conductors.
20
20
3
2.8
25.4
12.7
4 dia. vinyl-insulated round cable with 3 conductors
(Conductor cross section: 0.2 mm2 (AWG24),
Insulator diameter:1.1 mm), Standard length: 2 m
Two, M3
4.5
11.2
Stability indicator (green)
Operation Indicator (orange)
7.5
Sensitivity adjuster
Operation selector
Receiver
Lens
11
2.1
31
31
10.8
10.8
7.2
Pin 2 is not used.
Terminal
No.
Specifi-
cations
1+V
2
---
30V
4
Output
Through-beam*
Connector Models
E3Z-T66
E3Z-T86
E3Z-T66A
E3Z-T86A
E3Z-T67(-G0)
E3Z-T87(-G0)
M8 connector
10.4
Two, M3
Lens
11
Power indicator (orange)
9.75
Emitter
12
20
20
2.1
12.7
31
31
10.8
10.8
7.2
3
2.8
25.4
Pins 2 and 4 are not used.
Terminal
No.
Specifi-
cations
1+V
2
---
30V
4
---
(Excluding -G0)
Pin 4 is not used.
Terminal
No.
Specifi-
cations
1+V
2
Input
30V
4
---
(-G0)
M8 connector
9.75
Lens
Stability indicator (green)
Operation Indicator (orange)
Sensitivity
adjuster
Operation
selector
Receiver
Two, M3
2.8
25.4
4.5
11.2
7.5
12.7
20
20
10.8
10.8
7.2
10.4
11
2.1
31
31
3
Pin 2 is not used.
Terminal
No.
Specifi-
cations
1+V
2---
30V
4
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com