Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3Z-R612M Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # E3Z-R612M
Description  Compact Photoelectric Sensor with Built-in Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3Z-R612M Datasheet(HTML) 4 Page - Omron Electronics LLC

  E3Z-R612M Datasheet HTML 1Page - Omron Electronics LLC E3Z-R612M Datasheet HTML 2Page - Omron Electronics LLC E3Z-R612M Datasheet HTML 3Page - Omron Electronics LLC E3Z-R612M Datasheet HTML 4Page - Omron Electronics LLC E3Z-R612M Datasheet HTML 5Page - Omron Electronics LLC E3Z-R612M Datasheet HTML 6Page - Omron Electronics LLC E3Z-R612M Datasheet HTML 7Page - Omron Electronics LLC E3Z-R612M Datasheet HTML 8Page - Omron Electronics LLC E3Z-R612M Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
E3Z
PNP Output
Model
Model
number
example
E3Z-T81
-M1TJ 0.3M
E3Z-T81 0.5M
E3Z-T81 5M
E3Z-T81
-M1J 0.3M
E3Z-T81
-M3J 0.3M
Sensing
method
Sens-
ing dis-
tance
Main
features
Connec-
tion
specifi-
cation
M12 pre-wired
Smartclick
connector
(cable length:
0.3 m)
Pre-wired
(cable length:
0.5 m)
Pre-wired
(cable length:
5m)
M12 pre-wired
standard con-
nector (cable
length: 0.3 m)
M8, 4-pin pre-
wired connec-
tor (cable
length: 0.3 m)
Basic
model
number
-M1TJ 0.3M
0.5M
5M
-M1J 0.3M
-M3J 0.3M
Through-
beam
15 m
Infrared
light
E3Z-T81
●●●
●●
10 m
Red
light
E3Z-T81A
---
---
---
●
---
30 m
2-ms re-
sponse
E3Z-T82
---
●
---
---
---
Retro-
reflective
4 m
MSR
function
E3Z-R81
●●●
●●
Diffuse-
reflective
(narrow-
beam
reflective)
100 mm
Wide
view
E3Z-D81
●●●
●●
1 m
Long
dis-
tance
E3Z-D82
●●●
●●
90 mm
Narrow
beam
E3Z-L81
●●●
●
---
Distance-
settable
200 mm
FGS
function
E3Z-LS81
---
●●
●●
80 mm
Small
spot
E3Z-LS83
---
●
---
---
---
Slit-type
25 mm
1 optical
axis
E3Z-G81
●●
---
●●
2 optical
axes
E3Z-G82
---
●
---
●●
Retro-
reflective
for clear,
plastic
bottles
500 mm
No MSR
function
E3Z-B81
---
●
---
●
---
2 m
E3Z-B82
---
●●
●
---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com