Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3Z-R66 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # E3Z-R66
Description  Compact Photoelectric Sensor with Built-in Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3Z-R66 Datasheet(HTML) 1 Page - Omron Electronics LLC

  E3Z-R66 Datasheet HTML 1Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 2Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 3Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 4Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 5Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 6Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 7Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 8Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
CSM_E3Z_DS_E_1
4_1
Compact Photoelectric Sensor with Built-in Amplifier
E3Z
The Standard for Photoelectric Sensors
with a Secure Track Record of One
Million Sold Yearly.
• Long sensing distance of 30 m for Through-beam Models, 4 m for
Retro-reflective Models, and 1 m for Diffuse-reflective Models.
• Mechanical axis and optical axis offset of less than
±2.5
° simplifies
optical axis adjustment.
• High stability with unique algorithm that prevents interference of
external light.
Be sure to read Safety Precautions on
page 15.
Features
Industry's Top-level Sensing Distance with
Built-in Amplifier
A separately sold filter is available to prevent mutual interference for
Through-beam Models with red lights sources and a sensing
distance of 10 m. Reflective Models include functionality to prevent
mutual interference.
Long-distance, Through-beam Sensors with a detection distance of
30 m (response time: 2 ms) are also available.
Low-temperature Operation for Applications in Cold-storage Warehouses
A wider ambient operating range from
−40 to 55°C (main models with connectors). We also provide Sensor I/O Connectors with PUR Cables for
high resistance to cold environments.
Improved Matching of Optical Axis and Mechanical Axis for
Through-beam Models and Retro-reflective Models
The offset between the optical axis and the mechanical axis is kept within
±2.5°, so the optical axis can
be accurately set simply by mounting the Sensor according to the mechanical axis.
Sensor Protection against Incorrect Wiring
The Sensor includes output reverse polarity protection.
(A diode to protect against reverse polarity is added to the output line.)
Complete Compliance with the EU's RoHS Directive
Lead, mercury, cadmium hexachrome, polybrominated biphenyl (PBB), and polybrominated
diphenyl ether (PBDE) have all been eliminated. Also, burnable polyethylene packaging has
been used.
Through-beam
Retro-reflective with MSR function
30 m
Diffuse-reflective
1 m
4 m
Distance-settable
20 cm
30 m
Optical axis
2.5
° max.
mechanical
axis
The receiver will always be in the range of light diffusion.
Through-beam Model receivers and Reflective Models (except the E3Z-LS)
Protection for NPN output models
4
3
1
12 to 24 VDC
Brown
Black
Blue
100 mA
max.
Operation
indicator
(orange)
Stability
indicator
(green)
0 V
ZD
Load
(relay)
Photo-
electric
Sensor
main
circuit
eco
Pb


Similar Part No. - E3Z-R66

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3Z-R66 OMRON-E3Z-R66 Datasheet
486Kb / 15P
Photoelectric Sensor with Built-in Amplifier
E3Z-R66 OMRON-E3Z-R66 Datasheet
2Mb / 19P
Compact Photoelectric Sensor with Built-in Amplifier
E3Z-R66 OMRON-E3Z-R66 Datasheet
2Mb / 19P
Compact Photoelectric Sensor with Built-in Amplifier
E3Z-R66 OMRON-E3Z-R66 Datasheet
486Kb / 15P
Photoelectric Sensor with Built-in Amplifier
E3Z-R66 OMRON-E3Z-R66 Datasheet
3Mb / 17P
Compact Photoelectric Sensor with Built-in Amplifier
2019.6
More results

Similar Description - E3Z-R66

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3G-L77 OMRON-E3G-L77 Datasheet
909Kb / 12P
Long-distance Photoelectric Sensor with Built-in Amplifier
E3G-MR19-US OMRON-E3G-MR19-US Datasheet
909Kb / 12P
Long-distance Photoelectric Sensor with Built-in Amplifier
E3S-2B41 OMRON-E3S-2B41 Datasheet
1Mb / 15P
Photoelectric Sensor with Built-in Amplifier
E3Z-D62 OMRON-E3Z-D62 Datasheet
486Kb / 15P
Photoelectric Sensor with Built-in Amplifier
E3Z-D81 OMRON-E3Z-D81 Datasheet
2Mb / 19P
Compact Photoelectric Sensor with Built-in Amplifier
E3Z-R61 OMRON-E3Z-R61 Datasheet
2Mb / 19P
Compact Photoelectric Sensor with Built-in Amplifier
E3Z-T66A OMRON-E3Z-T66A Datasheet
486Kb / 15P
Photoelectric Sensor with Built-in Amplifier
E3S OMRON-E3S Datasheet
1Mb / 15P
Photoelectric Sensor with Built-in Amplifier
E3Z OMRON-E3Z Datasheet
3Mb / 17P
Compact Photoelectric Sensor with Built-in Amplifier
2019.6
logo
Panasonic Semiconductor
CX-400 PANASONIC-CX-400 Datasheet
7Mb / 24P
Amplifier Built-in Compact Photoelectric Sensor
2016.12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com