Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3Z-R66 Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # E3Z-R66
Description  Compact Photoelectric Sensor with Built-in Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3Z-R66 Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button E3Z-R66 Datasheet HTML 6Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 7Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 8Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 9Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 10Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 11Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 12Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 13Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
E3Z
Engineering Data (Typical)
Parallel Operating Range
Through-beam Models
Through-beam Models
Through-beam Models
E3Z-T
@1(T@6)
E3Z-T
@AE3Z-T@2(T@7)
Through-beam Models
Through-beam Models
Retro-reflective Models
E3Z-T
@1(T@6) and Slit
(A Slit is mounted to the Emitter and
Receiver.)
E3Z-T
@A and Slit
(A Slit is mounted to the Emitter and
Receiver.)
E3Z-R
@1(R@6) and Reflector
E3Z-B
@1/B@6 + E39-R1S Reflector
(Order Separately)
E3Z-B
@2/B@7 + E39-R1S
Reflector (Order Separately)
1000
800
600
400
200
0
−200
−400
−600
−800
−1000
40
30
20
10
Distance
X (m)
Y
X
1000
800
600
400
200
0
−200
−400
−600
−800
−1000
40
30
20
10
Y
X
Distance
X (m)
2.0
1.5
1.0
0.5
0
−0.5
−1.0
−1.5
−2.0
40
30
20
10
Distance
X (m)
Y
X
250
200
150
100
50
0
−50
−100
−150
−200
−250
5
4
3
2
1
E39-S65B
E39-S65C
E39-S65D
E39-S65E
E39-S65F
Distance
X (m)
200
150
100
50
0
−50
−200
−150
−100
5
4
3
2
1
E39-S65B
E39-S65C
E39-S65D
E39-S65E
E39-S65F
Distance
X (m)
Y
X
Y
X
200
150
100
50
0
−50
−100
−150
−200
8
6
4
2
E39-R9
E39-R1S
E39-R1
E39-R10
E39-R2
E39-R1K
E39-R3
Distance X (m)
3
0.5
1
1.5
2
2.5
Y
X
−50
−40
−30
−20
−10
0
10
20
30
40
50
Reflector: E39-R1S
500-mm type
Distance X (m)
−100
−80
−60
−40
−20
0
20
40
60
80
100
4.5
0.5
1
1.5
2
2.5
3
3.5
4
Reflector: E39-R1S
Distance X (m)
2-m type
Y
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com