Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-AD7798EBZ Datasheet(PDF) 4 Page - Analog Devices

Part # EVAL-AD7798EBZ
Description  3-Channel, Low Noise, Low Power, 16-/24-Bit, ADC with On-Chip In-Amp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7798EBZ Datasheet(HTML) 4 Page - Analog Devices

  EVAL-AD7798EBZ Datasheet HTML 1Page - Analog Devices EVAL-AD7798EBZ Datasheet HTML 2Page - Analog Devices EVAL-AD7798EBZ Datasheet HTML 3Page - Analog Devices EVAL-AD7798EBZ Datasheet HTML 4Page - Analog Devices EVAL-AD7798EBZ Datasheet HTML 5Page - Analog Devices EVAL-AD7798EBZ Datasheet HTML 6Page - Analog Devices EVAL-AD7798EBZ Datasheet HTML 7Page - Analog Devices EVAL-AD7798EBZ Datasheet HTML 8Page - Analog Devices EVAL-AD7798EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD7798/AD7799
Data Sheet
Rev. B | Page 4 of 28
Parameter
AD7798B/AD7799B1
Unit
Test Conditions/Comments
REFERENCE
External REFIN Voltage
2.5
V nom
REFIN = REFIN(+) − REFIN(−)
Reference Voltage Range2
0.1
V min
AVDD
V max
When VREF = AVDD, the differential input must be
limited to (0.9 x VREF/gain) if the in-amp is active.
Absolute REFIN Voltage Limits2
GND − 30 mV
V min
AVDD + 30 mV
V max
Average Reference Input Current
400
nA/V typ
Average Reference Input Current Drift
±0.03
nA/V/°C typ
Normal Mode Rejection
Same as for analog
inputs
Common-Mode Rejection
100
dB typ
Reference Detect Levels
0.3
V min
0.65
V max
NOXREF bit active if VREF < 0.3 V
LOW-SIDE POWER SWITCH
RON
7
Ω max
AVDD = 5 V
9
Ω max
AVDD = 3 V
Allowable Current2
30
mA max
Continuous current
DIGITAL OUTPUTS (P1 and P2)
Output High Voltage, VOH2
AVDD − 0.6
V min
AVDD = 3 V, ISOURCE = 100 µA
Output Low Voltage, VOL2
0.4
V max
AVDD = 3 V, ISINK = 100 µA
Output High Voltage, VOH2
4
V min
AVDD = 5 V, ISOURCE = 200 µA
Output Low Voltage, VOL2
0.4
V max
AVDD = 5 V, ISINK = 800 µA
INTERNAL CLOCK
Frequency2
64 ± 3%
kHz min/max
LOGIC INPUTS
CS2
Input Low Voltage, VINL
0.8
V max
DVDD = 5 V
Input High Voltage, VINH
0.4
2.0
V max
V min
DVDD = 3 V
DVDD = 3 V or 5 V
SCLK and DIN
(Schmitt-Triggered Input)2
VT(+)
1.4/2
V min/max
DVDD = 5 V
VT(–)
0.8/1.7
V min/max
DVDD = 5 V
VT(+) – VT(–)
0.1/0.17
V min/max
DVDD = 5 V
VT(+)
0.9/2
V min/max
DVDD = 3 V
VT(–)
0.4/1.35
V min/max
DVDD = 3 V
VT(+) − VT(–)
0.06/0.13
V min/max
DVDD = 3 V
Input Currents
±10
µA max
VIN = DVDD or GND
Input Capacitance
10
pF typ
All digital inputs
LOGIC OUTPUTS
Output High Voltage, VOH2
DVDD − 0.6
V min
DVDD = 3 V, ISOURCE = 100 µA
Output Low Voltage, VOL2
0.4
V max
DVDD = 3 V, ISINK = 100 µA
Output High Voltage, VOH2
4
V min
DVDD = 5 V, ISOURCE = 200 µA
Output Low Voltage, VOL2
0.4
V max
DVDD = 5 V, ISINK = 1.6 mA
Floating-State Leakage Current
±10
µA max
Floating-State Output Capacitance
10
pF typ
Data Output Coding
Offset binary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com