Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-AD7798EBZ Datasheet(PDF) 21 Page - Analog Devices

Part # EVAL-AD7798EBZ
Description  3-Channel, Low Noise, Low Power, 16-/24-Bit, ADC with On-Chip In-Amp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7798EBZ Datasheet(HTML) 21 Page - Analog Devices

Back Button EVAL-AD7798EBZ Datasheet HTML 17Page - Analog Devices EVAL-AD7798EBZ Datasheet HTML 18Page - Analog Devices EVAL-AD7798EBZ Datasheet HTML 19Page - Analog Devices EVAL-AD7798EBZ Datasheet HTML 20Page - Analog Devices EVAL-AD7798EBZ Datasheet HTML 21Page - Analog Devices EVAL-AD7798EBZ Datasheet HTML 22Page - Analog Devices EVAL-AD7798EBZ Datasheet HTML 23Page - Analog Devices EVAL-AD7798EBZ Datasheet HTML 24Page - Analog Devices EVAL-AD7798EBZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Data Sheet
AD7798/AD7799
Rev. B | Page 21 of 28
Continuous Read
Rather than write to the communication register to access the
data each time a conversion is complete, the AD7798/AD7799
can be configured so that the conversions are placed on the
DOUT/RDY line automatically. By writing 01011100 to the
communication register, the user need only apply the
appropriate number of SCLK cycles to the ADC, and the
16-/24-bit word is automatically placed on the DOUT/RDY line
when a conversion is complete. The ADC should be configured
for continuous conversion mode.
When DOUT/RDY goes low to indicate the end of a conversion,
sufficient SCLK cycles must be applied to the ADC, and the
data conversion is placed on the DOUT/RDY line. When the
conversion is read, DOUT/RDY returns high until the next
conversion is available. In this mode, the data can only be read
once. In addition, the user must ensure that the data-word is
read before the next conversion is complete. If the user does not
read the conversion before the completion of the next conversion,
or if insufficient serial clocks are applied to the AD7798/AD7799
to read the word, the serial output register is reset when the
next conversion is complete, and the new conversion is placed
in the output serial register.
To exit the continuous-read mode, the instruction 01011000
must be written to the communication register while the
DOUT/RDY pin is low. While in continuous-read mode, the
ADC monitors activity on the DIN line in case the instruction
to exit the continuous-read mode occurs. Additionally, a reset
occurs if 32 consecutive 1s are seen on DIN. Therefore, DIN
should be held low in continuous-read mode until an
instruction is written to the device.
DIN
SCLK
DOUT/RDY
CS
0x5C
DATA
DATA
DATA
Figure 18. Continuous Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com