Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP191ACBZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP191ACBZ-R7
Description  Logic Controlled, High-Side Power Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP191ACBZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP191ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADP191ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADP191ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADP191ACBZ-R7 Datasheet HTML 9Page - Analog Devices ADP191ACBZ-R7 Datasheet HTML 10Page - Analog Devices ADP191ACBZ-R7 Datasheet HTML 11Page - Analog Devices ADP191ACBZ-R7 Datasheet HTML 12Page - Analog Devices ADP191ACBZ-R7 Datasheet HTML 13Page - Analog Devices ADP191ACBZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADP190/ADP191
Rev. D | Page 10 of 16
APPLICATIONS INFORMATION
GROUND CURRENT
The major source for ground current in the ADP190/ADP191 is
the 4 MΩ pull-down on the enable (EN) pin. Figure 19 shows
typical ground current when VEN = VIN and VIN varies from 1.1 V
to 3.6 V.
2.0
1.8
1.6
1.4
1.2
1.0
0.6
0.8
350
300
250
200
150
100
50
0
LOAD (mA)
VIN = 1.2V
VIN = 1.8V
VIN = 2.5V
VIN = 3.6V
Figure 19. Ground Current vs. Load Current
As shown in Figure 20, an increase in ground current can occur
when VEN ≠ VIN. This is caused by the CMOS logic nature of the
level shift circuitry as it translates an EN signal ≥ 1.1 V to
a logic high. This increase is a function of the VIN − VEN delta.
14
12
10
8
6
4
2
0
3.5
0.1 0.3 0.5 0.7 0.9 1.1 1.3 1.5 1.7 1.9 2.1 2.3 2.5 2.7
3.3
3.1
2.9
VEN (V)
VOUT = 1.8V
VOUT = 3.6V
Figure 20. Typical Ground Current when VEN ≠ VIN
ENABLE FEATURE
The ADP190/ADP191 use the EN pin to enable and disable the
VOUT pin under normal operating conditions. As shown in
Figure 21, when a rising voltage on EN crosses the active
threshold, VOUT turns on. When a falling voltage on EN
crosses the inactive threshold, VOUT turns off.
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
1.2
00.4
0.5
0.6
0.7
0.1
0.2
0.3
0.8
0.9
1.0
1.1
VEN (V)
Figure 21. Typical EN Operation
As shown in Figure 21, the EN pin has built-in hysteresis. This
prevents on/off oscillations that can occur due to noise on the
EN pin as it passes through the threshold points.
The EN pin active/inactive thresholds derive from the VIN
voltage; therefore, these thresholds vary with changing input
voltage. Figure 22 shows typical EN active/inactive thresholds
when the input voltage varies from 1.1 V to 3.6 V.
1.15
1.05
0.95
0.85
0.75
0.65
0.55
0.45
0.35
VIN (V)
EN ACTIVE
EN INACTIVE
Figure 22. Typical EN Pin Thresholds vs. Input Voltage, VIN
TIMING
Turn-on delay is defined as the delta between the time that EN
reaches >1.1 V until VOUT rises to ~10% of its final value. The
ADP190/ADP191 include circuitry to set the typical 1.5 μs turn-
on delay at 3.6 V VIN to limit the VIN inrush current. As shown in
Figure 23, the turn-on delay is dependent on the input voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com