Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP191ACBZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP191ACBZ-R7
Description  Logic Controlled, High-Side Power Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP191ACBZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP191ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADP191ACBZ-R7 Datasheet HTML 9Page - Analog Devices ADP191ACBZ-R7 Datasheet HTML 10Page - Analog Devices ADP191ACBZ-R7 Datasheet HTML 11Page - Analog Devices ADP191ACBZ-R7 Datasheet HTML 12Page - Analog Devices ADP191ACBZ-R7 Datasheet HTML 13Page - Analog Devices ADP191ACBZ-R7 Datasheet HTML 14Page - Analog Devices ADP191ACBZ-R7 Datasheet HTML 15Page - Analog Devices ADP191ACBZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
ADP190/ADP191
Rev. D | Page 15 of 16
OUTLINE DIMENSIONS
0.050 NOM
COPLANARITY
0.800
0.760 SQ
0.720
0.230
0.200
0.170
0.280
0.260
0.240
0.660
0.600
0.540
0.430
0.400
0.370
BOTTOM VIEW
(BALL SIDE UP)
TOP VIEW
(BALL SIDE DOWN)
A
1
2
B
SEATING
PLANE
0.40
BALL PITCH
BALL A1
IDENTIFIER
Figure 39. 4-Ball Wafer Level Chip Scale Package [WLCSP]
(CB-4-3)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
Branding
ADP190ACBZ-R7
−40°C to +85°C
4-Ball Wafer Level Chip Scale Package [WLCSP]
CB-4-3
4D
ADP191ACBZ-R7
−40°C to +85°C
4-Ball Wafer Level Chip Scale Package [WLCSP]
CB-4-3
4G
ADP190CB-EVALZ
Evaluation Board
ADP191CB-EVALZ
Evaluation Board
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com