Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1725-0802EMC Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP1725-0802EMC
Description  500 mA, Low Voltage, Low Quiescent Current LDO Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1725-0802EMC Datasheet(HTML) 5 Page - Microchip Technology

  MCP1725-0802EMC Datasheet HTML 1Page - Microchip Technology MCP1725-0802EMC Datasheet HTML 2Page - Microchip Technology MCP1725-0802EMC Datasheet HTML 3Page - Microchip Technology MCP1725-0802EMC Datasheet HTML 4Page - Microchip Technology MCP1725-0802EMC Datasheet HTML 5Page - Microchip Technology MCP1725-0802EMC Datasheet HTML 6Page - Microchip Technology MCP1725-0802EMC Datasheet HTML 7Page - Microchip Technology MCP1725-0802EMC Datasheet HTML 8Page - Microchip Technology MCP1725-0802EMC Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
© 2007 Microchip Technology Inc.
DS22026B-page 5
MCP1725
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VIN......................................................................... 6.5V
Maximum Voltage on Any Pin
........................................(GND – 0.3V) to (VIN + 0.3)V
Maximum Power Dissipation............. Internally-Limited
(
Note 6)
Output Short Circuit Duration ..................... Continuous
Storage temperature .......................... -65°C to +150°C
Maximum Junction Temperature, TJ ................ +150°C
ESD protection on all pins (HBM/MM)
.. ≥ 2kV; ≥ 200V
† Notice: Stresses above those listed under “Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of
the device at those or any other conditions above those
indicated in the operational listings of this specification
is not implied. Exposure to maximum rating conditions
for extended periods may affect device reliability.
AC/DC CHARACTERISTICS
Electrical Specifications: Unless otherwise noted, V
IN = VOUT(MAX) + VDROPOUT(MAX) (Note 1), VR = 1.8V for Adjustable Output,
IOUT = 1 mA, CIN = COUT = 4.7 µF (X7R Ceramic), TA = +25°C.
Boldface type applies for junction temperatures, T
J (Note 7) of -40°C to +125°C
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input Operating Voltage
VIN
2.3
6.0
V
Note 1
Input Quiescent Current
Iq
120
220
µA
IL = 0 mA, VIN = Note 1,
VOUT = 0.8V to 5.0V
Input Quiescent Current for
SHDN Mode
ISHDN
—0.1
3
µA
SHDN = GND
Maximum Output Current
IOUT
500
——
mA
VIN = 2.3V to 6.0V
VR = 0.8V to 5.0V, Note 1
Line Regulation
ΔV
OUT/
(VOUT x ΔVIN)
±0.05
±
0.16
%/V
(Note 1)
≤ V
IN ≤ 6V
Load Regulation
ΔV
OUT/VOUT
-1.0
±0.5
1.0
%IOUT = 1 mA to 500 mA,
(
Note 4)
Output Short Circuit Current
IOUT_SC
—1.2
A
RLOAD <0.1Ω, Peak Current
Adjust Pin Characteristics (Adjustable Output Only)
Adjust Pin Reference Voltage
VADJ
0.402
0.410
0.418
VVIN = 2.3V to VIN =6.0V,
IOUT = 1 mA
Adjust Pin Leakage Current
IADJ
-10
±0.01
+10
nA
VIN = 6.0V, VADJ =0Vto6V
Adjust Temperature Coefficient
TCVOUT
40
ppm/°C
Note 3
Fixed-Output Characteristics (Fixed Output Only)
Voltage Regulation
VOUT
VR - 2.5% VR ±0.5% VR + 2.5%
V
Note 2
Note 1:
The minimum VIN must meet two conditions: VIN ≥ 2.3V and VIN ≥ VOUT(MAX) + VDROPOUT(MAX).
2:
VR is the nominal regulator output voltage for the fixed cases. VR = 1.2V, 1.8V, etc. VR is the desired set point output
voltage for the adjustable cases. VR = VADJ * ((R1/R2)+1). Figure 4-1.
3:
TCVOUT = (VOUT-HIGH – VOUT-LOW) *10
6 / (V
R * ΔTemperature). VOUT-HIGH is the highest voltage measured over the
temperature range. VOUT-LOW is the lowest voltage measured over the temperature range.
4:
Load regulation is measured at a constant junction temperature using low duty-cycle pulse testing. Load regulation is
tested over a load range from 1 mA to the maximum specified output current.
5:
Dropout voltage is defined as the input-to-output voltage differential at which the output voltage drops 2% below its
nominal value that was measured with an input voltage of VOUT = VR + VDROPOUT(MAX).
6:
The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable junction
temperature and the thermal resistance from junction to air. (i.e., TA, TJ, θJA). Exceeding the maximum allowable power
dissipation will cause the device operating junction temperature to exceed the maximum +150°C rating. Sustained
junction temperatures above +150°C can impact device reliability.
7:
The junction temperature is approximated by soaking the device under test at an ambient temperature equal to the
desired junction temperature. The test time is small enough such that the rise in the junction temperature over the
ambient temperature is not significant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com