Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1725-0802EMC Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP1725-0802EMC
Description  500 mA, Low Voltage, Low Quiescent Current LDO Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1725-0802EMC Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP1725-0802EMC Datasheet HTML 15Page - Microchip Technology MCP1725-0802EMC Datasheet HTML 16Page - Microchip Technology MCP1725-0802EMC Datasheet HTML 17Page - Microchip Technology MCP1725-0802EMC Datasheet HTML 18Page - Microchip Technology MCP1725-0802EMC Datasheet HTML 19Page - Microchip Technology MCP1725-0802EMC Datasheet HTML 20Page - Microchip Technology MCP1725-0802EMC Datasheet HTML 21Page - Microchip Technology MCP1725-0802EMC Datasheet HTML 22Page - Microchip Technology MCP1725-0802EMC Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
© 2007 Microchip Technology Inc.
DS22026B-page 19
MCP1725
4.8
Dropout Voltage and
Undervoltage Lockout
Dropout voltage is defined as the input-to-output
voltage differential at which the output voltage drops
2% below the nominal value that was measured with a
VR + 0.6V differential applied. The MCP1725 LDO has
a very low dropout voltage specification of 210 mV
(typical) at 0.5A of output current. See
Section 1.0
“Electrical Characteristics” for maximum dropout
voltage specifications.
The MCP1725 LDO operates across an input voltage
range of 2.3V to 6.0V and incorporates input Undervolt-
age Lockout (UVLO) circuitry that keeps the LDO
output voltage off until the input voltage reaches a
minimum of 2.18V (typical) on the rising edge of the
input voltage. As the input voltage falls, the LDO output
will remain on until the input voltage level reaches
2.04V (typical).
Since
the
MCP1725
LDO
undervoltage
lockout
activates at 2.04V as the input voltage is falling, the
dropout voltage specification does not apply for output
voltages that are less than 1.9V.
For high-current applications, voltage drops across the
PCB traces must be taken into account. The trace
resistances can cause significant voltage drops
between the input voltage source and the LDO. For
applications with input voltages near 2.3V, these PCB
trace voltage drops can sometimes lower the input
voltage
enough
to
trigger
a
shutdown
due
to
undervoltage lockout.
4.9
Overtemperature Protection
The MCP1725 LDO has temperature-sensing circuitry
to prevent the junction temperature from exceeding
approximately 150°C. If the LDO junction temperature
does reach 150°C, the LDO output will be turned off
until the junction temperature cools to approximately
140°C, at which point the LDO output will automatically
resume normal operation. If the internal power
dissipation continues to be excessive, the device will
again shut off. The junction temperature of the die is a
function of power dissipation, ambient temperature and
package thermal resistance. See
Section 5.0 “Appli-
cation Circuits/Issues” for more information on LDO
power dissipation and junction temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com