Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1725-1802EMC Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP1725-1802EMC
Description  500 mA, Low Voltage, Low Quiescent Current LDO Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1725-1802EMC Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP1725-1802EMC Datasheet HTML 4Page - Microchip Technology MCP1725-1802EMC Datasheet HTML 5Page - Microchip Technology MCP1725-1802EMC Datasheet HTML 6Page - Microchip Technology MCP1725-1802EMC Datasheet HTML 7Page - Microchip Technology MCP1725-1802EMC Datasheet HTML 8Page - Microchip Technology MCP1725-1802EMC Datasheet HTML 9Page - Microchip Technology MCP1725-1802EMC Datasheet HTML 10Page - Microchip Technology MCP1725-1802EMC Datasheet HTML 11Page - Microchip Technology MCP1725-1802EMC Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
MCP1725
DS22026B-page 8
© 2007 Microchip Technology Inc.
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, V
IN = VOUT + 0.5V or VIN = 2.3V (whichever is greater), IOUT = 1 mA, CIN = COUT =
4.7 µF Ceramic (X7R), SHDN = VIN, CDELAY = Open, Fixed Output Version, and TA = +25°C.
Note: Junction Temperature (T
J) is approximated by soaking the device under test to an ambient temperature equal to
the desired junction temperature. The test time is small enough such that the rise in Junction Temperature over the
Ambient temperature is not significant.
FIGURE 2-1:
Quiescent Current vs. Input
Voltage (1.8V Adjustable).
FIGURE 2-2:
Ground Current vs. Load
Current (1.2V Adjustable).
FIGURE 2-3:
Quiescent Current vs.
Junction Temperature (1.8V Adjustable).
FIGURE 2-4:
Line Regulation vs.
Temperature (1.8V Adjustable).
FIGURE 2-5:
Load Regulation vs.
Temperature (Adjustable Version).
FIGURE 2-6:
Adjust Pin Voltage vs.
Temperature.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of samples and
are provided for informational purposes only. The performance characteristics listed herein are not tested or guaranteed.
In some graphs or tables, the data presented may be outside the specified operating range (e.g., outside specified power
supply range) and therefore outside the warranted range.
80
90
100
110
120
130
140
150
2
345
6
Input Voltage (V)
-45°C
0°C
+25°C
+90°C
+130°C
IOUT = 0 mA
120
130
140
150
160
170
180
190
200
210
0
100
200
300
400
500
Load Current (mA)
VIN = 5.0V
VIN = 3.3V
VIN = 2.5V
VOUT = 1.2V Adj
80
90
100
110
120
130
140
150
-45
-20
5
30
55
80
105
130
Temperature (°C)
VIN = 5.0V
VIN = 2.3V
VIN = 3.3V
VIN = 6.0V
IOUT = 0 mA
0.00
0.02
0.04
0.06
0.08
0.10
0.12
-45
-20
5
30
55
80
105
130
Temperature (°C)
IOUT = 1 mA
IOUT = 50 mA
IOUT = 250 mA
IOUT = 100 mA
IOUT = 500 mA
VIN = 2.3V to 6.0V
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
-45
-20
5
30
55
80
105
130
Temperature (°C)
VOUT = 5V
VOUT = 3.3V
VOUT = 1.8V
VOUT = 0.8V
IOUT = 1.0 mA to 500 mA
0.408
0.409
0.410
0.411
0.412
-45
-20
5
30
55
80
105
130
Temperature (°C)
VIN = 5.0V
VIN = 6.0V
VIN = 2.3V, 3.0V, 4.0V
IOUT = 1 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com