Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1725-1802EMC Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP1725-1802EMC
Description  500 mA, Low Voltage, Low Quiescent Current LDO Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1725-1802EMC Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP1725-1802EMC Datasheet HTML 5Page - Microchip Technology MCP1725-1802EMC Datasheet HTML 6Page - Microchip Technology MCP1725-1802EMC Datasheet HTML 7Page - Microchip Technology MCP1725-1802EMC Datasheet HTML 8Page - Microchip Technology MCP1725-1802EMC Datasheet HTML 9Page - Microchip Technology MCP1725-1802EMC Datasheet HTML 10Page - Microchip Technology MCP1725-1802EMC Datasheet HTML 11Page - Microchip Technology MCP1725-1802EMC Datasheet HTML 12Page - Microchip Technology MCP1725-1802EMC Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
© 2007 Microchip Technology Inc.
DS22026B-page 9
MCP1725
Note: Unless otherwise indicated, V
IN = VOUT + 0.5V or VIN = 2.3V (whichever is greater), IOUT = 1 mA,
CIN = COUT = 4.7 µF Ceramic (X7R), SHDN = VIN, CDELAY = Open, Fixed Output Version, and TA = +25°C.
FIGURE 2-7:
Dropout Voltage vs. Load
Current (Adjustable Version).
FIGURE 2-8:
Dropout Voltage vs.
Temperature (Adjustable Version).
FIGURE 2-9:
Power Good (PWRGD)
Time Delay vs. Temperature (Adjustable
Version).
FIGURE 2-10:
Quiescent Current vs. Input
Voltage (0.8V Fixed).
FIGURE 2-11:
Quiescent Current vs. Input
Voltage (2.5V Fixed).
FIGURE 2-12:
Ground Current vs. Load
Current.
0.00
0.05
0.10
0.15
0.20
0.25
0
100
200
300
400
500
Load Current (mA)
VOUT = 2.5V
VOUT = 5.0V
0.16
0.18
0.20
0.22
0.24
0.26
0.28
-45
-20
5
30
55
80
105
130
Temperature (°C)
VOUT = 2.5V
VOUT = 5.0V
VOUT = 3.3V
IOUT = 500 mA
25
26
27
28
29
30
31
32
33
34
35
-45
-20
5
30
55
80
105
130
Temperature (°C)
VIN = 2.3V
VIN = 3.0V
VIN = 5.0V
CDELAY = 0.01 µF
IOUT = 0 mA
80
90
100
110
120
130
140
150
2
345
6
Input Voltage (V)
-45°C
+130°C
+90°C
+25°C
0°C
IOUT = 0 mA
90
100
110
120
130
140
150
3
3.5
4
4.5
5
5.5
6
Input Voltage (V)
-45°C
0°C
+25°C +90°C
+135°C
IOUT = 0 mA
110
130
150
170
190
210
0
100
200
300
400
500
Load Current (mA)
VOUT = 5.0V
VOUT = 2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com