Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ12MC202TESS Datasheet(PDF) 166 Page - Microchip Technology

Part # DSPIC33FJ12MC202TESS
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12MC202TESS Datasheet(HTML) 166 Page - Microchip Technology

Back Button DSPIC33FJ12MC202TESS Datasheet HTML 162Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 163Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 164Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 165Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 166Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 167Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 168Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 169Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 170Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 304 page
background image
dsPIC33FJ12MC201/202
DS70265E-page 166
© 2007-2011 Microchip Technology Inc.
REGISTER 15-10: PxOVDCON: OVERRIDE CONTROL REGISTER(1)
U-0
U-0
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
—
—
POVD3H
POVD3L
POVD2H
POVD2L
POVD1H
POVD1L
bit 15
bit 8
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
POUT3H
POUT3L
POUT2H
POUT2L
POUT1H
POUT1L
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-14
Unimplemented:
Read as ‘0’
bit 13-8
POVDxH<3:1>:POVDxL<3:1>:
PWM Output Override bits
1
= Output on PWMx I/O pin is controlled by the PWM generator
0
= Output on PWMx I/O pin is controlled by the value in the corresponding POUTxH:POUTxL bit
bit 7-6
Unimplemented:
Read as ‘0’
bit 5-0
POUTxH<3:1>:POUTxL<3:1>:
PWM Manual Output bits
1
= PWMx I/O pin is driven active when the corresponding POVDxH:POVDxL bit is cleared
0
= PWMx I/O pin is driven inactive when the corresponding POVDxH:POVDxL bit is cleared
Note 1:
PWM2 supports only one PWM I/O pin pair.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com