Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ12MC202TESS Datasheet(PDF) 170 Page - Microchip Technology

Part # DSPIC33FJ12MC202TESS
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12MC202TESS Datasheet(HTML) 170 Page - Microchip Technology

Back Button DSPIC33FJ12MC202TESS Datasheet HTML 166Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 167Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 168Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 169Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 170Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 171Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 172Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 173Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 174Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 304 page
background image
dsPIC33FJ12MC201/202
DS70265E-page 170
© 2007-2011 Microchip Technology Inc.
REGISTER 16-1:
QEIxCON: QEI CONTROL REGISTER
R/W-0
U-0
R/W-0
R-0
R/W-0
R/W-0
R/W-0
R/W-0
CNTERR
—
QEISIDL
INDEX
UPDN
QEIM<2:0>
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
SWPAB
PCDOUT
TQGATE
TQCKPS<1:0>
POSRES
TQCS
UPDN_SRC
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
CNTERR:
Count Error Status Flag bit
1
= Position count error has occurred
0
= No position count error has occurred
Note:
CNTERR flag only applies when QEIM<2:0> = ‘110’ or ‘100’.
bit 14
Unimplemented:
Read as ‘0’
bit 13
QEISIDL:
Stop in Idle Mode bit
1
= Discontinue module operation when device enters Idle mode
0
= Continue module operation in Idle mode
bit 12
INDEX:
Index Pin State Status bit (Read-Only)
1
= Index pin is High
0
= Index pin is Low
bit 11
UPDN:
Position Counter Direction Status bit
1
= Position Counter Direction is positive (+)
0
= Position Counter Direction is negative (-)
(Read-only bit when QEIM<2:0> = ‘1XX’)
(Read/Write bit when QEIM<2:0> = ‘001’)
bit 10-8
QEIM<2:0>:
Quadrature Encoder Interface Mode Select bits
111
= Quadrature Encoder Interface enabled (x4 mode) with position counter reset by match
(MAXCNT)
110
= Quadrature Encoder Interface enabled (x4 mode) with Index Pulse reset of position counter
101
= Quadrature Encoder Interface enabled (x2 mode) with position counter reset by match
(MAXCNT)
100
= Quadrature Encoder Interface enabled (x2 mode) with Index Pulse reset of position counter
011
= Unused (Module disabled)
010
= Unused (Module disabled)
001
= Starts 16-bit Timer
000
= Quadrature Encoder Interface/Timer off
bit 7
SWPAB:
Phase A and Phase B Input Swap Select bit
1
= Phase A and Phase B inputs swapped
0
= Phase A and Phase B inputs not swapped
bit 6
PCDOUT:
Position Counter Direction State Output Enable bit
1
= Position Counter Direction Status Output Enable (QEI logic controls state of I/O pin)
0
= Position Counter Direction Status Output Disabled (Normal I/O pin operation)
bit 5
TQGATE:
Timer Gated Time Accumulation Enable bit
1
= Timer gated time accumulation enabled
0
= Timer gated time accumulation disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com