Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD2S1200 Datasheet(PDF) 17 Page - Analog Devices

Part # AD2S1200
Description  12-Bit R/D Converter with Reference Oscillator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S1200 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD2S1200 Datasheet HTML 13Page - Analog Devices AD2S1200 Datasheet HTML 14Page - Analog Devices AD2S1200 Datasheet HTML 15Page - Analog Devices AD2S1200 Datasheet HTML 16Page - Analog Devices AD2S1200 Datasheet HTML 17Page - Analog Devices AD2S1200 Datasheet HTML 18Page - Analog Devices AD2S1200 Datasheet HTML 19Page - Analog Devices AD2S1200 Datasheet HTML 20Page - Analog Devices AD2S1200 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
AD2S1200
Rev. 0 | Page 17 of 24
Synthetic Reference Generation
When a resolver undergoes a high rotation rate, the RDC tends
to act as an electric motor and produces speed voltages, along
with the ideal Sin and Cos outputs. These speed voltages are in
quadrature to the main signal waveform. Moreover, nonzero
resistance in the resolver windings causes a non-zero phase shift
between the reference input and the Sin and Cos outputs. The
combination of speed voltages and phase shift causes a tracking
error in the RDC that is approximated by
Frequency
Reference
Rate
Rotation
Shift
Phase
Error
×
=
To compensate for the described phase error between the
resolver reference excitation and the Sin/Cos signals, an internal
synthetic reference signal is generated in phase with the refer-
ence frequency carrier. The synthetic reference is derived using
the internally filtered Sin and Cos signals. It is generated by
determining the zero crossing of either the Sin or Cos (which-
ever signal is larger, to improve phase accuracy) and evaluating
the phase of the resolver reference excitation. The synthetic
reference reduces the phase shift between the reference and
Sin/Cos inputs to less than 10°, and will operate for phase shifts
of ±45°.
SUPPLY SEQUENCING AND RESET
The AD2S1200 requires an external reset signal to hold the
RESET input low until VDD is within the specified operating
range of 4.5 V to 5.5 V.
The RESET pin must be held low for a minimum of 10 µs after
VDD is within the specified range (tRST in Figure 10). Applying a
RESET signal to the AD2S1200 initializes the output position to
a value of 0x000 (degrees output through the parallel, serial, and
encoder interfaces) and causes LOS to be indicated (LOT and
DOS pins pulled low) as shown in Figure 10.
Failure to apply the above (correct) power-up/reset sequence
can result in an incorrect position indication.
After a rising edge on the RESET input, the device must be
allowed at least 20 ms (tTRACK) as shown in Figure 10 for internal
circuitry to stabilize and the tracking loop to settle to the step
change in input position. After tTRACK, a SAMPLE pulse must be
applied, releasing the LOT and DOT pins to the state deter-
mined by the fault detection circuitry and providing valid
position data at the parallel and serial outputs (note that if
position data is being acquired via the encoder outputs, they
may be monitored during tTRACK).
The RESET pin is internally pulled up.
tRST
tRST
VDD
RESET
4.75V
VALID
OUTPUT
DATA
SAMPLE
LOT
DOS
tTRACK
Figure 10. Power Supply Sequencing and Reset
CHARGE PUMP OUTPUT
A 204.8 kHz square wave output with 50% duty cycle is avail-
able at the CPO output pin of the AD2S1200. This square wave
output can be used for negative rail voltage generation, or to
create a VCC rail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com