Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5227 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5227
Description  64-Position Up/Down Control Digital Potentiometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5227 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5227 Datasheet HTML 8Page - Analog Devices AD5227 Datasheet HTML 9Page - Analog Devices AD5227 Datasheet HTML 10Page - Analog Devices AD5227 Datasheet HTML 11Page - Analog Devices AD5227 Datasheet HTML 12Page - Analog Devices AD5227 Datasheet HTML 13Page - Analog Devices AD5227 Datasheet HTML 14Page - Analog Devices AD5227 Datasheet HTML 15Page - Analog Devices AD5227 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AD5227
Rev. B | Page 13 of 1
6
The U1 ADP3333ARM-1.5 is a 1.5 V LDO that is lifted above
or lowered below 0 V. When VWB of the AD5227 is at minimum,
there is no current through D1, so the GND pin of U1 would be
at −1.5 V if U3 were biased with the dual supplies. As a result,
some of the U2 low resistance steps have no effect on the output
until the U1 GND pin is lifted above 0 V. When VWB of the
AD5227 is at its maximum, VOUT becomes VL + VAB, so the U1
supply voltage must be biased with adequate headroom.
Similarly, a PWM signal can be applied at the U1 shutdown pin
for power efficiency. This circuit works well for a single LED.
ADJUSTABLE HIGH POWER LED DRIVER
Figure 35 shows a circuit that can drive three to four high power
LEDs. ADP1610 is an adjustable boost regulator that provides
the voltage headroom and current for the LEDs. The AD5227
and the op amp form an average gain of 12 feedback network
that servos the RSET voltage and ADP1610’s FB pin 1.2 V band
gap reference voltage. As the loop is set, the voltage across RSET
is regulated around 0.1 V and adjusted by the digital
potentiometer.
SET
R
LED
R
V
I
SET
=
(6)
RSET should be small enough to conserve power but large
enough to limit maximum LED current. R3 should also be used
in parallel with AD5227 to limit the LED current within an
achievable range. A wider current adjustment range is possible
by lowering the R2 to R1 ratio, as well as changing R3
accordingly.
SS
RT GND
IN
U2
ADP1610
SW
FB
PWM
1.2V
SD
COMP
CSS
10nF
CC
390pF
RC
100k
Ω
L1
10
μF
D1
C3
10
μF
R4
13.5k
Ω
D2
D3
D4
VOUT
C2
10
μF
5V
+
–
AD8541
U1
L1–SLF6025-100M1R0
D1–MBR0520LT1
U3
V+
V–
5V
C8
0.1
μF
U1
AD5227
BA
10k
Ω
R3
200
Ω
W
R1
100
Ω
R2
1.1k
Ω
RSET
0.25
Ω
Figure 35. Adjustable Current Source for LEDs in Series
AUTOMATIC LCD PANEL BACKLIGHT CONTROL
With the addition of a photocell sensor, an automatic brightness
control can be achieved. As shown in Figure 36, the resistance
of the photocell changes linearly but inversely with the light
output. The brighter the light output, the lower the photocell
resistance and vice versa. The AD5227 sets the voltage level that
is gained up by U2 to drive N1 to a desirable brightness. With the
photocell acting as the variable feedback resistor, the change in
the light output changes the R2 resistance, therefore causing U2
to drive N1 accordingly to regulate the output. This simple low
cost implementation of the LED controller can compensate for
the temperature and aging effects typically found in high power
LEDs. Similarly, for power efficiency, a PWM signal can be
applied at the gate of N2 to switch the LED on and off without
any noticeable effect.
CS
CLK
U/D
A
W
B
10k
Ω
VDD
GND
U1
AD5227
C1
1
μF
C2
0.1
μF
5V
U2
AD8591
+
–
V+
V–
5V
C3
0.1
μF
R1
1k
Ω
R2
5V
PWM
N1
2N7002
WHITE
LED
D1
5V
PHOTOCELL
SD
Figure 36. Automatic LCD Panel Backlight Control
6-BIT CONTROLLER
The AD5227 can form a simple 6-bit controller with a clock
generator, a comparator, and some output components. Figure 37
shows a generic 6-bit controller with a comparator that first
compares the sampling output with the reference level and
outputs either a high or low level to the AD5227 U/D pin. The
AD5227 then changes step at every clock cycle in the direction
indicated by the U/D state. Although this circuit is not as elegant
as the one shown in
, it is self-contained, very easy to
design, and can adapt to various applications.
Figure 36
CLK
U/D
B
5V
VDD
GND
CS
U1
AD5227
+
–
U2
COMPARATOR
SAMPLING_OUTPUT
REF
U3
AD8531
+
–
OUTPUT
OP AMP
Figure 37. 6-Bit Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com