Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5781 Datasheet(PDF) 21 Page - Analog Devices

Part # AD5781
Description  True 18-Bit, Voltage Output DAC 짹0.5 LSB INL, 짹0.5 LSB DNL
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5781 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5781 Datasheet HTML 17Page - Analog Devices AD5781 Datasheet HTML 18Page - Analog Devices AD5781 Datasheet HTML 19Page - Analog Devices AD5781 Datasheet HTML 20Page - Analog Devices AD5781 Datasheet HTML 21Page - Analog Devices AD5781 Datasheet HTML 22Page - Analog Devices AD5781 Datasheet HTML 23Page - Analog Devices AD5781 Datasheet HTML 24Page - Analog Devices AD5781 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Data Sheet
AD5781
Rev. D | Page 21 of 28
Table 9. Hardware Control Pins Truth Table
LDAC
CLR
RESET
Function
X1
X1
0
The AD5781 is in reset mode. The device cannot be programmed.
X1
X1
The AD5781 is returned to its power-on state. All registers are set to their default values.
0
0
1
The DAC register is loaded with the clearcode register value, and the output is set accordingly.
0
1
1
The output is set according to the DAC register value.
1
0
1
The DAC register is loaded with the clearcode register value, and the output is set accordingly.
1
1
The output is set according to the DAC register value.
0
1
The output remains at the clear code value.
1
1
The output remains set according to the DAC register value.
0
1
The output remains at the clear code value.
1
1
The DAC register is loaded with the clearcode register value and the output is set accordingly.
0
1
The DAC register is loaded with the clearcode register value and the output is set accordingly.
1
1
The output remains at the clear code value.
0
1
The output is set according to the DAC register value.
1
X is don’t care.
ON-CHIP REGISTERS
DAC Register
Table 10 outlines how data is written to and read from the DAC register.
Table 10. DAC Register
MSB
LSB
DB23
DB22
DB21
DB20
DB19
DB2
DB1
DB0
R/W
Register address
DAC register data
R/W
0
0
1
18-bits of data
X1
X1
1
X is don’t care.
The following equation describes the ideal transfer function of the DAC:
(
)
REFN
REFN
REFP
OUT
V
D
V
V
V
+
−
×
−
=
1
218
where:
VREFN is the negative voltage applied at the VREFNS input pin.
VREFP is the positive voltage applied at the VREFPS input pin.
D is the 18-bit code programmed to the DAC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com